Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14616 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14616
Description  Micro-USB Interface Circuit Plus Intelligent Li Battery Chargers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14616 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14616 Datasheet HTML 1Page - Maxim Integrated Products MAX14616 Datasheet HTML 2Page - Maxim Integrated Products MAX14616 Datasheet HTML 3Page - Maxim Integrated Products MAX14616 Datasheet HTML 4Page - Maxim Integrated Products MAX14616 Datasheet HTML 5Page - Maxim Integrated Products MAX14616 Datasheet HTML 6Page - Maxim Integrated Products MAX14616 Datasheet HTML 7Page - Maxim Integrated Products MAX14616 Datasheet HTML 8Page - Maxim Integrated Products MAX14616 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
(VBAT = 2.8V to 5.5V, VVB = 3.5V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VBAT = 3.6V,
VVB = 5.0V, TA = +25°C.) (Note 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC ID Pullup Current
IPUP
VUID = 2.55V and 0.9V
2.19
2.28
2.37
µA
VUID = 2.50V and 0.76V
5.756
6
6.24
VUID = 2.35V and 0.70V
16.032
16.7
17.368
VUID = 2.20V and 0.57V
45.214
47
48.786
VUID = 2.12V and 0.05V
146.88
153
159.12
VUID = 2.04V and 0.05V
2.235
2.5
2.735
mA
ADC Detection Resistors
RADC
GND
0
0.032
kΩ
RVID
0.049
0.075
0.472
1kΩ resistor
0.531
1
1.433
R1
1.722
2
2.112
R2
2.465
2.604
2.684
R3
3.091
3.208
3.35
R4
3.826
4.014
4.11
R5
4.67
4.82
5.05
R6
5.73
6.03
6.54
R7
7.39
8.03
8.43
R8
9.5
10.03
10.31
R9
11.6
12.03
12.69
R10
14.03
14.46
14.77
R11
16.76
17.26
17.61
R12
19.92
20.5
20.79
R13
23.49
24.07
24.63
R14
27.8
28.7
29.3
R15
33
34
34.7
R16
39
40.2
43
R17
49.6
49.9
53.4
R18
60.4
64.9
67.6
R19
76.3
80.07
84.9
R20
95.6
102
104
R21
117
121
129
R22
143
150
153
R23
173
200
212
R24
239
255
260
R25
293
301
312
R26
350
365
384
R27
425
442
450
R28
508
523
533
R29
601
619
655
R30
737
1000
1032
Open
1158
MAX14616/MAX14616A
Micro-USB Interface Circuit
Plus Intelligent Li+ Battery Chargers
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com