Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS671M-06ILFT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS671M-06ILFT
Description  3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS671M-06ILFT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS671M-06ILFT Datasheet HTML 1Page - Integrated Circuit Systems ICS671M-06ILFT Datasheet HTML 2Page - Integrated Circuit Systems ICS671M-06ILFT Datasheet HTML 3Page - Integrated Circuit Systems ICS671M-06ILFT Datasheet HTML 4Page - Integrated Circuit Systems ICS671M-06ILFT Datasheet HTML 5Page - Integrated Circuit Systems ICS671M-06ILFT Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
MDS 671-06 D
4
Revision 050405
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
ICS671-06
AC Electrical Characteristics
VDD = 3.3 V ±5%
, Ambient Temperature -40 to +85°C, CLOAD at CLK = 15 pF, unless stated otherwise
Note 1: With CLKIN = 100MHz, FBIN to CLKA4, all outputs at 100 MHz.
Note 2: When there is no clock signal present at CLKIN, the ICS671-06 will enter power down mode. The
PLL is stopped and the outputs are tri-state.
Note 3: With VDD at a steady rate and valid clocks at CLKIN and FBIN.
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Output High Voltage,
CMOS level
VOH
IOH = -12 mA
VDD-0.4
V
Operating Supply Current
IDD
No Load, S2 = 1, S1 = 1,
Note 1
35
mA
Power Down Supply
Current
IDD
CLKIN = 0, S2 = 0, S1 = 1
12
µA
CLKIN = 0, Note 2
12
µA
Short Circuit Current
IOS
Each output
±50
mA
Input Capacitance
CIN
S2, S1, FBIN
5
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Parameter
Symbol
Conditions
Min.
Typ. Max. Units
Input Clock Frequency
fIN
See table on page 2
10
133
MHz
Output Clock Frequency
See table on page 2
10
133
MHz
Output Rise Time
tOR
0.8 to 2.0 V, CL = 30 pF
2.5
ns
Output Fall Time
tOF
2.0 to 0.8 V, CL = 30 pF
2.5
ns
Output Clock Duty Cycle
tDC
Measured at VDD/2
45
50
55
%
Device to Device Skew
Rising edges at VDD/2
700
ps
Output to Output Skew
Rising edges at VDD/2
200
ps
Input to Output Skew
Rising edges at VDD/2, FBIN to
CLKA4, S1 = 1, S0 = 1, Note 1
±250
ps
Maximum Absolute JItter
130
200
ps
Cycle to Cycle Jitter
30 pF, measured at 66.67M
200
ps
15 pF, measured at 66.67M
200
ps
15 pF, measured at 133.33M
100
ps
PLL Lock Time
Note 3
1.0
ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com