Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83021AMIT Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS83021AMIT
Description  2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83021AMIT Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS83021AMIT Datasheet HTML 4Page - Integrated Circuit Systems ICS83021AMIT Datasheet HTML 5Page - Integrated Circuit Systems ICS83021AMIT Datasheet HTML 6Page - Integrated Circuit Systems ICS83021AMIT Datasheet HTML 7Page - Integrated Circuit Systems ICS83021AMIT Datasheet HTML 8Page - Integrated Circuit Systems ICS83021AMIT Datasheet HTML 9Page - Integrated Circuit Systems ICS83021AMIT Datasheet HTML 10Page - Integrated Circuit Systems ICS83021AMIT Datasheet HTML 11Page - Integrated Circuit Systems ICS83021AMIT Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
83021AMI
www.icst.com/products/hiperclocks.html
REV. C DECEMBER 12, 2005
12
Integrated
Circuit
Systems, Inc.
ICS83021I
1-TO-1
2.5V 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
T
E
E
H
S
Y
R
O
T
S
I
H
N
O
I
S
I
V
E
R
v
e
Re
l
b
a
Te
g
a
Pe
g
n
a
h
C
f
o
n
o
i
t
p
i
r
c
s
e
De
t
a
D
B
2
T
B
3
T
C
3
T
D
3
T
B
4
T
2
3
3
3
4
5
6
7
C
V
5
.
2
d
e
d
d
a
-
e
l
b
a
t
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
D
P .
.
e
l
b
a
t
y
l
p
p
u
S
r
e
w
o
P
V
5
.
2
d
e
d
d
A
V
V
5
.
2
d
e
d
d
a
-
e
l
b
a
t
S
O
M
C
V
L
H
O .
.
V
5
.
2
d
e
d
d
a
-
e
l
b
a
t
l
a
i
t
n
e
r
e
f
f
i
D
.
e
l
b
a
t
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
V
5
.
2
d
e
d
d
A
ll
a
F
/
e
s
i
R
t
u
p
t
u
O
V
5
.
2
d
n
a
m
a
r
g
a
i
D
t
i
u
c
r
i
C
t
s
e
T
C
A
d
a
o
L
t
u
p
t
u
O
V
5
.
2
d
e
d
d
A
.
s
m
a
r
g
a
i
D
e
m
i
T
.
1
e
r
u
g
i
F
d
e
t
a
d
p
U
.
n
o
i
t
c
e
s
e
c
a
f
r
e
t
n
I
t
u
p
n
I
k
c
o
l
C
l
a
i
t
n
e
r
e
f
f
i
D
d
e
d
d
A
4
0
/
3
/
6
B
A
4
T
2
4
C
d
e
g
n
a
h
c
-
e
l
b
a
T
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
N
I
.
l
a
c
i
p
y
t
F
p
4
o
t
.
x
a
m
F
p
4
.
s
n
o
i
t
i
d
n
o
C
t
s
e
T
c
d
o
d
e
g
n
a
h
c
-
e
l
b
a
T
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
V
3
.
3
4
0
/
0
3
/
6
B
7
T
1
0
1
.
t
e
ll
u
b
e
e
r
F
-
d
a
e
L
d
e
d
d
a
-
n
o
i
t
c
e
S
s
e
r
u
t
a
e
F
.
r
e
b
m
u
n
t
r
a
p
e
e
r
F
-
d
a
e
L
d
e
d
d
A
-
e
l
b
a
T
n
o
i
t
a
m
r
o
f
n
I
g
n
i
r
e
d
r
O
5
0
/
1
2
/
3
C
B
4
T
,
A
4
T
7
T
1
4
5
1
1
.
t
e
ll
u
b
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
d
e
d
d
a
-
n
o
i
t
c
e
S
s
e
r
u
t
a
e
F
.
w
o
r
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
d
e
d
d
a
-
s
e
l
b
a
T
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
.
t
o
l
P
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
d
e
d
d
A
.
e
t
o
N
e
e
r
F
-
d
a
e
L
d
e
d
d
A
5
0
/
2
1
/
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com