Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IQT1-F61-R4-V1 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # IQT1-F61-R4-V1
Description  Read/write station
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IQT1-F61-R4-V1 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  IQT1-F61-R4-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. IQT1-F61-R4-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. IQT1-F61-R4-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc. IQT1-F61-R4-V1 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Physical
RS-485 point-to-point connection
Protocol
ASCII
Transfer rate
1200, 2400, 4800, 9600, 19200, 38400 (default) Bit/s
Cable length
≤ 3 m
Directive conformity
Radio equipment
Directive 2014/53/EU
EN 301489-1
EN 301489-3
EN 300330
EN 62368-1
EN 50364
RoHS
Directive 2011/65/EU (RoHS)
EN 50581
Standard conformity
Degree of protection
EN 60529
RFID
ISO/IEC 15693-2
ISO/IEC 15693-3
ISO/IEC 18000-3
Approvals and certificates
FCC approval
This device complies with part 15 of the FCC rules. Operation is subject to the
following two conditions:
(1) This device may not cause harmful interference, and
(2) This device must accept any interference received, including interference that may
cause undesired operation.
Caution:
Changes or modifications not expressly approved by the party responsible for
compliance could void the user's authority to operate the equipment.
IC approval
This device complies with Industry Canada licence-exempt RSS standard(s) and with
part 15 of the FCC Rules. Operation is subject to the following two conditions:
(1) this device may not cause interference, and
(2) this device must accept any interference, including interference that may cause
undesired operation of the device.
Le présent appareil est conforme aux CNR d'Industrie Canada applicables aux
appareils radio exempts de licence. L'exploitation est autorisée aux deux conditions
suivantes :
(1) l'appareil ne doit pas produire de brouillage, et
(2) l'utilisateur de l'appareil doit accepter tout brouillage radioélectrique subi, même si
le brouillage est susceptible d'en compromettre le fonctionnement.
Radio approval
USA: FCC IREIQH1-F61-V1
Canada: 7037A-IQH1F61V1
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Degree of protection
IP67
Connection
connector M12 x 1
Material
Housing
ABS
Encapsulation compound
WEVO 403FL/300
Installation
Distance between two heads
≥ 150 mm
Mass
approx. 60 g
Cable length
20 cm
Read/write station
IQT1-F61-R4-V1
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com