Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS1893 Datasheet HTML 1Page - Integrated Circuit Systems ICS1893 Datasheet HTML 2Page - Integrated Circuit Systems ICS1893 Datasheet HTML 3Page - Integrated Circuit Systems ICS1893 Datasheet HTML 4Page - Integrated Circuit Systems ICS1893 Datasheet HTML 5Page - Integrated Circuit Systems ICS1893 Datasheet HTML 6Page - Integrated Circuit Systems ICS1893 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Chapter 3
ICS1893 Enhanced Features
ICS1893 Rev B 9/10/99
September, 1999
15
ICS1893 - Release
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
Note:
1.
There are new registers and bits. For example:
a. Registers 7 and 8 are new (that is, the ICS1890 does not have these registers).
b. Registers 20 through 31 are new ICS test registers.
2.
For some bits (such as the model number and revision number bits), the default values are changed.
Table 3-1.
Summary of Differences between ICS1890 and ICS1893 Registers
Register.
Bit(s)
ICS1890
ICS1893
Function
Default
Function
Default
1.6
Reserved
0b (always)
Management Frame Preamble
Suppression
0b
3.9:4
Model Number
000010b
Model Number
000011b
3.3:0
Revision Number
0011b
Revision Number
0000b
6.2
Next Page Able
0b (always)
Next Page Able
1b
7.15:0
Not applicable (N/A)
N/A
Auto-Negotiate Next Page
Transmit Register
2001h
8.15:0
N/A
N/A
Auto-Negotiate Next Page
Link Partner Ability
0000h
9.15:0
through
15.15:0
IEEE reserved.
0000h
IEEE reserved.
Note: Although the default value is
changed, this response more
accurately reflects an MDIO
access to registers 9–15.
FFFFh
18.15
Reserved
0b
Remote Jabber
0b
19.1
Reserved
0b
Automatic 10Base-T Power Down
1b
20.15:0
through
31.15:0
N/A
N/A
ICS test registers.
(There is no claim of backward
compatibility for these registers.)
See specific
registers and
bits.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com