Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843021 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS843021
Description  FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843021 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS843021 Datasheet HTML 1Page - Integrated Circuit Systems ICS843021 Datasheet HTML 2Page - Integrated Circuit Systems ICS843021 Datasheet HTML 3Page - Integrated Circuit Systems ICS843021 Datasheet HTML 4Page - Integrated Circuit Systems ICS843021 Datasheet HTML 5Page - Integrated Circuit Systems ICS843021 Datasheet HTML 6Page - Integrated Circuit Systems ICS843021 Datasheet HTML 7Page - Integrated Circuit Systems ICS843021 Datasheet HTML 8Page - Integrated Circuit Systems ICS843021 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
843021AG
www.icst.com/products/hiperclocks.html
REV. C MARCH 31, 2005
1
Integrated
Circuit
Systems, Inc.
ICS843021
FEMTOCLOCKS™CRYSTAL-TO-
3.3V LVPECL CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS843021 is a Gigabit Ethernet Clock
Generator and a member of the HiPerClocksTM
family of high performance devices from ICS. The
ICS843021 uses a 25MHz crystal to synthesize
125MHz.The ICS843021 has excellent phase jitter
performance, over the 1.875MHz – 20MHz integration range.
The ICS843021 is packaged in a small 8-pin TSSOP, making it
ideal for use in systems with limited board space.
FEATURES
• 1 differential 3.3V LVPECL output
• Crystal oscillator interface designed for 22.4MHz - 28MHz,
18pF parallel resonant crystal
• Output frequency range: 112MHz - 140MHz
• VCO range: 560MHz to 700MHz
• Output duty cycle range: 49% - 51%
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.37ps (typical)
• RMS phase noise at 125MHz (typical)
Offset
Noise Power
100Hz ............... -94.2 dBc/Hz
1KHz .............. -122.8 dBc/Hz
10KHz .............. -132.2 dBc/Hz
100KHz .............. -131.3 dBc/Hz
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Lead-Free package fully RoHS compliant
HiPerClockS™
ICS
ICS843021
8-Lead TSSOP
4.40mm x 3.0mm x 0.925mm package body
G Package
Top View
VCCA
VEE
XTAL_OUT
XTAL_IN
1
2
3
4
VCC
Q0
nQ0
nc
8
7
6
5
BLOCK DIAGRAM
PIN ASSIGNMENT
OSC
Phase
Detector
VCO
÷5
÷25
(fixed)
XTAL_IN
XTAL_OUT
nQ0
Q0
25MHz
FREQUENCY TABLE - TYPICAL APPLICATIONS
s
t
u
p
n
I
)
z
H
M
(
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
)
z
H
M
(
y
c
n
e
u
q
e
r
F
l
a
t
s
y
r
C
5
25
2
1
6
.
6
23
3
1


Similar Part No. - ICS843021

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843021AGI-01 ICST-ICS843021AGI-01 Datasheet
219Kb / 14P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V 125MHZ LVPECL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
logo
Integrated Device Techn...
ICS843021AGI-01 IDT-ICS843021AGI-01 Datasheet
704Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843021AGI-01LF IDT-ICS843021AGI-01LF Datasheet
704Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843021AGI-01LFT IDT-ICS843021AGI-01LFT Datasheet
704Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS843021AGI-01T ICST-ICS843021AGI-01T Datasheet
219Kb / 14P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V 125MHZ LVPECL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
More results

Similar Description - ICS843021

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843031 ICST-ICS843031 Datasheet
211Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A NOVEMBER 29, 2004
ICS843051 ICST-ICS843051 Datasheet
241Kb / 15P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A DECEMBER 14, 2004
ICS843001BI ICST-ICS843001BI Datasheet
233Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A OCTOBER 6, 2005
ICS843251-04 ICST-ICS843251-04 Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
ICS843011 ICST-ICS843011 Datasheet
235Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. B DECEMBER 10, 2004
ICS843011C ICST-ICS843011C Datasheet
164Kb / 11P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006
ICS843021I-01 ICST-ICS843021I-01 Datasheet
219Kb / 14P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V 125MHZ LVPECL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
ICS843022 ICST-ICS843022 Datasheet
219Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
ICS843023I ICST-ICS843023I Datasheet
196Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
REV. A JUNE 29, 2005
ICS843252-04 ICST-ICS843252-04 Datasheet
161Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com