Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893BKILF Datasheet(PDF) 28 Page - Integrated Circuit Systems

Part # ICS1893BKILF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893BKILF Datasheet(HTML) 28 Page - Integrated Circuit Systems

Back Button ICS1893BKILF Datasheet HTML 24Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 25Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 26Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 27Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 28Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 29Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 30Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 31Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 32Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 133 page
background image
ICS1893BF, Rev. C, 9/29/05
September, 2005
28
Chapter 5 Interface Overviews
ICS1893BF Data Sheet - Release
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
If a crystal is used as the clocking source, connect it to both the Ref_in (pin 47) and Ref_out (pin 46) pins
of the ICS1893BF. A pair of bypass capacitors on either side of the crystal are connected to ground. The
crystal is used in the parallel resonance or anti-resonance mode. The value of the bypass caps serve to
adjust the final frequency of the crystal oscillation. Typical applications would use 33pF bypass caps. The
exact value will be affected by the board routing capacitance on Ref_in and Ref_out pins. Smaller bypass
capacitors raise the frequency of oscillation. Once the exact value of bypass capacitance is established it
will be the same for all boards using the same specification crystal. The best way to measure the crystal
frequency is to measure the frequency of TXCLK (pin 37) using a frequency counter with a 10 second
sample. Using TXCLK prevents affecting the crystal frequency by the measurement. The crystal
specification is shown in Table 5.1.
Table 5-1. 25MHz Crystal Specification
Specifications
Symbol Minimum
Typical Maximum
Unit
Fundamental Frequency
(tolerance is sum of freq.,
temp., stability and aging.)
F0
24.99875 25.00000
25.00125
MHz
Freq. Tolerance
∆F/f
± 50
ppm
Input Capacitance
Cin
3
pF
Table 5-2. 25MHz Oscillator Specification
Specifications
Symbol Minimum
Typical Maximum
Unit
Output Frequency
F0
24.99875 25.00000
25.00125
MHz
Freq. Stability (including aging)
∆F/f
± 50
ppm
Duty cycle CMOS level
one-half VDD
Tw/T
35
65
%
VIH
2.79
Volts
VIL
0.33
Volts
Period Jitter
Tjitter
500
pS
Input Capacitance
CIN
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com