Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843404 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS843404
Description  LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843404 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS843404 Datasheet HTML 9Page - Integrated Circuit Systems ICS843404 Datasheet HTML 10Page - Integrated Circuit Systems ICS843404 Datasheet HTML 11Page - Integrated Circuit Systems ICS843404 Datasheet HTML 12Page - Integrated Circuit Systems ICS843404 Datasheet HTML 13Page - Integrated Circuit Systems ICS843404 Datasheet HTML 14Page - Integrated Circuit Systems ICS843404 Datasheet HTML 15Page - Integrated Circuit Systems ICS843404 Datasheet HTML 16Page - Integrated Circuit Systems ICS843404 Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
843404AG
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 17, 2005
13
Integrated
Circuit
Systems, Inc.
ICS843404
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND
LVDS CLOCK GENERATOR
TERMINATION FOR 2.5V LVPECL OUTPUT
Figure 5A and Figure 5B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminat-
ing 50
Ω to V
DD - 2V. For VDDO = 2.5V, the VDDO - 2V is very close to
ground level. The R3 in Figure 5B can be eliminated and the
termination is shown in Figure 5C.
FIGURE 5C. 2.5V LVPECL TERMINATION EXAMPLE
FIGURE 5B. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
FIGURE 5A. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
R2
62.5
R3
250
2.5V
VDDO=2.5V
Zo = 50 Ohm
R1
250
+
-
2,5V LVPECL
Driv er
R4
62.5
2.5V
Zo = 50 Ohm
Zo = 50 Ohm
+
-
VDDO=2.5V
R2
50
R1
50
2,5V LVPECL
Driv er
2.5V
R3
18
Zo = 50 Ohm
Zo = 50 Ohm
R1
50
VDDO=2.5V
2.5V
R2
50
2,5V LVPECL
Driv er
Zo = 50 Ohm
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com