Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS4002AI01L Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS4002AI01L
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS4002AI01L Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS4002AI01L Datasheet HTML 1Page - Integrated Circuit Systems ICS4002AI01L Datasheet HTML 2Page - Integrated Circuit Systems ICS4002AI01L Datasheet HTML 3Page - Integrated Circuit Systems ICS4002AI01L Datasheet HTML 4Page - Integrated Circuit Systems ICS4002AI01L Datasheet HTML 5Page - Integrated Circuit Systems ICS4002AI01L Datasheet HTML 6Page - Integrated Circuit Systems ICS4002AI01L Datasheet HTML 7Page - Integrated Circuit Systems ICS4002AI01L Datasheet HTML 8Page - Integrated Circuit Systems ICS4002AI01L Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
844002AGI-01
www.icst.com/products/hiperclocks.html
REV. A JANUARY 5, 2006
1
Integrated
Circuit
Systems, Inc.
ICS844002I-01
FEMTOCLOCKS™CRYSTAL-TO-
LVDS FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS844002I-01 is a 2 output LVDS
Synthesizer optimized to generate Ethernet
reference clock frequencies and is a mem-
ber of the HiPerClocks TM family of high
performance clock solutions from ICS. Using a
25MHz, 18pF parallel resonant crystal, the following
frequencies can be generated based on the 2 frequency
select pins (F_SEL[1:0]): 156.25MHz, 125MHz and
62.5MHz. The ICS844002I-01 uses ICS’ 3rd generation
low phase noise VCO technology and can achieve <1ps
typical rms phase jitter, easily meeting Ethernet jitter
requirements. The ICS844002I-01 is packaged in a small
20-pin TSSOP package.
FEATURES
• Two LVDS outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies: 156.25MHz,
125MHz, 62.5MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 156.25MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.41ps (typical)
• Full 2.5V supply mode
• -40°C to 85°C ambient operating temperature
• Available in both, standard and RoHS/Lead-Free compliant
packages
HiPerClockS™
ICS
1
1
0
1
0
Phase
Detector
VCO
625MHz
(w/25MHz
Reference)
M = 25 (fixed)
F_SEL[1:0]
0 0
÷4
0 1
÷5
1 0
÷10
1 1
not used
2
OSC
BLOCK DIAGRAM
FREQUENCY SELECT FUNCTION TABLE
F_SEL[1:0]
nPLL_SEL
REF_CLK
XTAL_IN
XTAL_OUT
nXTAL_SEL
MR
Q0
nQ0
Q1
nQ1
Pulldown
Pulldown
25MHz
Pulldown
Pulldown
Pulldown
ICS844002I-01
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm
package body
G Package
Top View
nc
VDDO
Q0
nQ0
MR
nPLL_SEL
nc
VDDA
F_SEL0
VDD
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDDO
Q1
nQ1
GND
VDD
nXTAL_SEL
REF_CLK
XTAL_IN
XTAL_OUT
F_SEL1
PIN ASSIGNMENT
)
z
H
M
(
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
)
e
c
n
e
r
e
f
e
R
z
H
M
5
2
(
1
L
E
S
_
F0
L
E
S
_
F
r
e
d
i
v
i
D
M
e
u
l
a
V
r
e
d
i
v
i
D
N
e
u
l
a
V
00
5
24
5
2
.
6
5
1
01
5
25
5
2
1
10
5
20
15
.
2
6
11
d
e
s
U
t
o
Nd
e
s
U
t
o
N


Similar Part No. - ICS4002AI01L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS4002AI01L IDT-ICS4002AI01L Datasheet
741Kb / 14P
FEMTOCLOCKS CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
More results

Similar Description - ICS4002AI01L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844003I-01 ICST-ICS844003I-01 Datasheet
194Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A MAY 31, 2005
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
ICS844008-16 ICST-ICS844008-16 Datasheet
144Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A FEBRUARY 1, 2006
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002 IDT-ICS844002 Datasheet
339Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844004-104 IDT-ICS844004-104 Datasheet
925Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844008I IDT-ICS844008I Datasheet
633Kb / 18P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com