Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844003I Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS844003I
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS844003I Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS844003I Datasheet HTML 1Page - Integrated Circuit Systems ICS844003I Datasheet HTML 2Page - Integrated Circuit Systems ICS844003I Datasheet HTML 3Page - Integrated Circuit Systems ICS844003I Datasheet HTML 4Page - Integrated Circuit Systems ICS844003I Datasheet HTML 5Page - Integrated Circuit Systems ICS844003I Datasheet HTML 6Page - Integrated Circuit Systems ICS844003I Datasheet HTML 7Page - Integrated Circuit Systems ICS844003I Datasheet HTML 8Page - Integrated Circuit Systems ICS844003I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
844003AGI
www.icst.com/products/hiperclocks.html
REV. B AUGUST 25, 2005
2
Integrated
Circuit
Systems, Inc.
ICS844003I
FEMTOCLOCKS™CRYSTAL-TO-LVDS
FREQUENCY SYNTHESIZER
PRELIMINARY
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1
4
2
0
B
L
E
S
_
V
I
D
1
B
L
E
S
_
V
I
D
t
u
p
n
In
w
o
d
ll
u
P
.
w
o
L
=
t
l
u
a
f
e
D
.
B
k
n
a
B
r
o
f
n
i
p
t
c
e
l
e
s
n
o
i
s
i
v
i
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
2L
E
S
_
O
C
Vt
u
p
n
Ip
u
ll
u
P
e
c
n
e
r
e
f
e
r
l
a
t
s
y
r
c
e
h
t
d
n
a
d
e
s
s
a
p
y
b
s
i
L
L
P
e
h
t
,
w
o
L
n
e
h
W
.
n
i
p
t
c
e
l
e
s
O
C
V
e
h
t
o
t
y
l
t
c
e
r
i
d
d
e
s
s
a
p
e
r
a
)
g
n
i
t
t
e
s
L
E
S
_
L
A
T
X
n
o
g
n
i
d
n
e
p
e
d
(
K
L
C
_
T
S
E
T
r
o
d
e
s
s
a
p
y
b
t
o
n
s
i
L
L
P
e
h
t
o
s
r
o
t
s
i
s
e
r
p
u
ll
u
p
l
a
n
r
e
t
n
i
n
a
s
a
H
.
s
r
e
d
i
v
i
d
t
u
p
t
u
o
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
l
u
a
f
e
d
y
b
3R
Mt
u
p
n
In
w
o
d
ll
u
P
e
r
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
t
e
s
e
R
r
e
t
s
a
M
H
G
I
H
e
v
i
t
c
A
x
Q
n
s
t
u
p
t
u
o
d
e
t
r
e
v
n
i
e
h
t
d
n
a
w
o
l
o
g
o
t
x
Q
s
t
u
p
t
u
o
e
u
r
t
e
h
t
g
n
i
s
u
a
c
t
e
s
e
r
e
r
a
s
t
u
p
t
u
o
e
h
t
d
n
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
h
g
i
h
o
g
o
t
f
o
e
t
a
t
s
t
l
u
a
f
e
d
p
u
-
r
e
w
o
p
e
h
t
o
s
r
o
t
s
i
s
e
r
n
w
o
d
ll
u
p
l
a
n
r
e
t
n
i
n
a
s
a
H
.
d
e
l
b
a
n
e
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
d
e
l
b
a
n
e
e
r
a
s
r
e
d
i
v
i
d
d
n
a
s
t
u
p
t
u
o
4V
A
_
O
D
D
r
e
w
o
P.
s
t
u
p
t
u
o
A
k
n
a
B
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
6
,
50
A
Q
n
,
0
A
Qt
u
p
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
S
D
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
7B
N
E
_
K
L
Ct
u
p
n
Ip
u
ll
u
P
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
h
g
i
H
e
v
i
t
c
A
.
B
k
n
a
B
e
l
b
a
n
e
t
u
p
t
u
O
s
r
i
a
p
t
u
p
t
u
o
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
d
e
l
b
a
n
e
e
r
a
B
k
n
a
B
n
o
s
r
i
a
p
t
u
p
t
u
o
e
h
t
t
l
u
a
f
e
d
e
h
t
o
s
r
o
t
s
i
s
e
r
p
u
ll
u
p
l
a
n
r
e
t
n
i
n
a
s
a
H
.
e
t
a
t
s
e
c
n
a
d
e
p
m
i
h
g
i
h
a
n
i
e
r
a
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
f
o
e
t
a
t
s
p
u
-
r
e
w
o
p
8A
N
E
_
K
L
Ct
u
p
n
Ip
u
ll
u
P
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
e
l
b
a
n
e
t
u
p
t
u
o
h
g
i
H
e
v
i
t
c
A
.
A
k
n
a
B
e
l
b
a
n
e
t
u
p
t
u
O
n
i
s
i
r
i
a
p
t
u
p
t
u
o
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
d
e
l
b
a
n
e
s
i
A
k
n
a
B
n
i
r
i
a
p
t
u
p
t
u
o
e
h
t
t
l
u
a
f
e
d
e
h
t
o
s
r
o
t
s
i
s
e
r
p
u
ll
u
p
l
a
n
r
e
t
n
i
n
a
s
a
H
.
e
t
a
t
s
e
c
n
a
d
e
p
m
i
h
g
i
h
a
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
d
e
l
b
a
n
e
s
i
t
u
p
t
u
o
f
o
e
t
a
t
s
p
u
-
r
e
w
o
p
9V
I
D
_
B
Ft
u
p
n
In
w
o
d
ll
u
P
t
e
s
s
i
r
e
d
i
v
i
d
k
c
a
b
d
e
e
f
e
h
t
,
)
t
l
u
a
f
e
d
(
w
o
L
n
e
h
W
.
t
c
e
l
e
s
e
d
i
v
i
d
k
c
a
b
d
e
e
F
.
4
2
÷
r
o
f
t
e
s
s
i
r
e
d
i
v
i
d
k
c
a
b
d
e
e
f
e
h
t
,
H
G
I
H
n
e
h
W
.
0
2
÷
r
o
f
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
0
1V
A
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
1
1V
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
r
o
C
2
1
3
1
0
A
L
E
S
_
V
I
D
1
A
L
E
S
_
V
I
D
t
u
p
n
Ip
u
ll
u
P
.
H
G
I
H
=
t
l
u
a
f
e
D
.
A
k
n
a
B
r
o
f
n
i
p
t
c
e
l
e
s
n
o
i
s
i
v
i
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
4
1D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
6
1
,
5
1
,
T
U
O
_
L
A
T
X
N
I
_
L
A
T
X
t
u
p
n
I
e
h
t
s
i
N
I
_
L
A
T
X
,
t
u
p
t
u
o
e
h
t
s
i
T
U
O
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
l
a
t
s
y
r
c
t
n
a
n
o
s
e
r
l
e
ll
a
r
a
P
l
a
t
s
y
r
c
e
h
t
e
v
i
r
d
r
e
v
o
o
t
t
n
a
w
u
o
y
f
i
n
i
p
e
v
i
r
d
r
e
v
o
e
h
t
o
s
l
a
s
i
N
I
_
L
A
T
X
.
t
u
p
n
i
.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
d
e
d
n
e
-
e
l
g
n
i
s
a
h
t
i
w
t
i
u
c
r
i
c
7
1K
L
C
_
T
S
E
Tt
u
p
n
In
w
o
d
ll
u
P
o
t
r
o
t
s
i
s
e
r
n
w
o
d
ll
u
p
l
a
n
r
e
t
n
i
n
a
s
a
H
.
t
u
p
n
i
k
c
o
l
c
e
c
n
e
r
e
f
e
r
d
e
d
n
e
-
e
l
g
n
i
S
.
e
c
a
f
r
e
t
n
i
l
a
t
s
y
r
c
e
h
t
g
n
i
s
u
f
i
g
n
i
t
a
o
l
f
e
v
a
e
l
n
a
C
.
t
l
u
a
f
e
d
y
b
e
t
a
t
s
w
o
l
o
t
ll
u
p
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
8
1L
E
S
_
L
A
T
Xt
u
p
n
Ip
u
ll
u
P
l
a
t
s
y
r
c
r
o
K
L
C
_
T
S
E
T
d
e
d
n
e
-
e
l
g
n
i
s
e
h
t
n
e
e
w
t
e
b
s
t
c
e
l
e
S
.
n
i
p
t
c
e
l
e
s
l
a
t
s
y
r
C
d
e
t
c
e
l
e
s
s
i
e
c
a
f
r
e
t
n
i
l
a
t
s
y
r
c
e
h
t
o
s
r
o
t
s
i
s
e
r
p
u
ll
u
p
l
a
n
r
e
t
n
i
n
a
s
a
H
.
e
c
a
f
r
e
t
n
i
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
l
u
a
f
e
d
y
b
0
2
,
9
11
B
Q
,
1
B
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
S
D
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
2
2
,
1
20
B
Q
,
0
B
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
S
D
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
3
2V
B
_
O
D
D
r
e
w
o
P.
s
t
u
p
t
u
o
B
k
n
a
B
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
:
E
T
O
N
n
w
o
d
ll
u
P
d
n
a
p
u
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com