Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP7AYM8AB Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SCIMX6DP7AYM8AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP7AYM8AB Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SCIMX6DP7AYM8AB Datasheet HTML 17Page - NXP Semiconductors SCIMX6DP7AYM8AB Datasheet HTML 18Page - NXP Semiconductors SCIMX6DP7AYM8AB Datasheet HTML 19Page - NXP Semiconductors SCIMX6DP7AYM8AB Datasheet HTML 20Page - NXP Semiconductors SCIMX6DP7AYM8AB Datasheet HTML 21Page - NXP Semiconductors SCIMX6DP7AYM8AB Datasheet HTML 22Page - NXP Semiconductors SCIMX6DP7AYM8AB Datasheet HTML 23Page - NXP Semiconductors SCIMX6DP7AYM8AB Datasheet HTML 24Page - NXP Semiconductors SCIMX6DP7AYM8AB Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
21
Table 4. Absolute Maximum Ratings
Parameter Description
Symbol
Min
Max
Unit
Core supply input voltage (LDO enabled)
VDD_ARM_IN
VDD_ARM23_IN
VDD_SOC_IN
-0.3
1.6
V
Core supply input voltage (LDO bypass)
VDD_ARM_IN
VDD_ARM23_IN
VDD_SOC_IN
-0.3
1.4
V
Core supply output voltage (LDO enabled)
VDD_ARM_CAP
VDD_SOC_CAP
VDD_PU_CAP
NVCC_PLL_OUT
-0.3
1.4
V
VDD_HIGH_IN supply voltage
VDD_HIGH_IN
-0.3
3.7
V
DDR I/O supply voltage
NVCC_DRAM
-0.4
1.975 (See note 1)
1 The absolute maximum voltage includes an allowance for 400 mV of overshoot on the IO pins. Per JEDEC standards, the
allowed signal overshoot must be derated if NVCC_DRAM exceeds 1.575V.
V
GPIO I/O supply voltage
NVCC_CSI
NVCC_EIM
NVCC_ENET
NVCC_GPIO
NVCC_LCD
NVCC_NAND
NVCC_SD
NVCC_JTAG
-0.5
3.7
V
HDMI, PCIe, and SATA PHY high (VPH) supply voltage
HDMI_VPH
PCIE_VPH
SATA_VPH
-0.3
2.85
V
HDMI, PCIe, and SATA PHY low (VP) supply voltage
HDMI_VP
PCIE_VP
SATA_VP
-0.3
1.4
V
LVDS, MLB, and MIPI I/O supply voltage (2.5V supply)
NVCC_LVDS_2P5
NVCC_MIPI
-0.3
2.85
V
PCIe PHY supply voltage
PCIE_VPTX
-0.3
1.4
V
RGMII I/O supply voltage
NVCC_RGMII
-0.5
2.725
V
SNVS IN supply voltage
(Secure Non-Volatile Storage and Real Time Clock)
VDD_SNVS_IN
-0.3
3.4
V
USB I/O supply voltage
USB_H1_DN
USB_H1_DP
USB_OTG_DN
USB_OTG_DP
USB_OTG_CHD_B
-0.3
3.73
V
USB VBUS supply voltage
USB_H1_VBUS
USB_OTG_VBUS
—5.35
V
Vin/Vout input/output voltage range (non-DDR pins)
Vin/Vout
-0.5
OVDD+0.3 (See note 2)
2 OVDD is the I/O supply voltage.
V
Vin/Vout input/output voltage range (DDR pins)
Vin/Vout
-0.5
OVDD+0.4 (See notes1&2)
V
ESD immunity (HBM)
Vesd_HBM
—2000
V
ESD immunity (CDM)
Vesd_CDM
—
500
V
Storage temperature range
Tstorage
-40
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com