Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6DP4AYM8AB Datasheet(PDF) 64 Page - NXP Semiconductors

Part # SCIMX6DP4AYM8AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4AYM8AB Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button SCIMX6DP4AYM8AB Datasheet HTML 60Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 61Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 62Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 63Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 64Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 65Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 66Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 67Page - NXP Semiconductors SCIMX6DP4AYM8AB Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
64
NXP Semiconductors
Electrical Characteristics
4.10
Multi-Mode DDR Controller (MMDC)
The Multi-mode DDR Controller is a dedicated interface to DDR3/DDR3L/LPDDR2 SDRAM.
4.10.1
MMDC Compatibility with JEDEC-Compliant SDRAMs
The i.MX 6DualPlus/6QuadPlus MMDC supports the following memory types:
•
LPDDR2 SDRAM compliant to JESD209-2B LPDDR2 JEDEC standard release June, 2009
•
DDR3/DDR3L SDRAM compliant to JESD79-3D DDR3 JEDEC standard release April, 2008
MMDC operation with the standards stated above is contingent upon the board DDR design adherence to
the DDR design and layout requirements stated in the Hardware Development Guide for i.MX 6Quad,
6Dual, 6DualLite, 6Solo Families of Applications Processors (IMX6DQ6SDLHDG).
4.10.2
MMDC Supported DDR3/DDR3L/LPDDR2 Configurations
The table below shows the supported DDR3/DDR3L/LPDDR2 configurations:
4.11
General-Purpose Media Interface (GPMI) Timing
The i.MX 6DualPlus/6QuadPlus GPMI controller is a flexible interface NAND Flash controller with 8-bit
data width, up to 200 MB/s I/O speed and individual chip select. It supports Asynchronous timing mode,
Source Synchronous timing mode, and Samsung Toggle timing mode separately described in the following
subsections.
2 In this table:
• t means clock period from axi_clk frequency.
• CSA means register setting for WCSA when in write operations or RCSA when in read operations.
• CSN means register setting for WCSN when in write operations or RCSN when in read operations.
• ADVN means register setting for WADVN when in write operations or RADVN when in read operations.
• ADVA means register setting for WADVA when in write operations or RADVA when in read operations.
Table 43. i.MX 6DualPlus/6QuadPlus Supported DDR3/DDR3L/LPDDR2 Configurations
Parameter
LPDDR2
DDR3
DDR3L
Clock frequency
400 MHz
532 MHz
532 MHz
Bus width
32-bit per channel
16/32/64-bit
16/32/64-bit
Channel
Dual
Single
Single
Chip selects
2 per channel
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com