Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8083 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM8083
Description  Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8083 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM8083 Datasheet HTML 9Page - Analog Devices LTM8083 Datasheet HTML 10Page - Analog Devices LTM8083 Datasheet HTML 11Page - Analog Devices LTM8083 Datasheet HTML 12Page - Analog Devices LTM8083 Datasheet HTML 13Page - Analog Devices LTM8083 Datasheet HTML 14Page - Analog Devices LTM8083 Datasheet HTML 15Page - Analog Devices LTM8083 Datasheet HTML 16Page - Analog Devices LTM8083 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTM4693
13
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The average current mode control used in the LTM4693
can be conceptualized as a voltage controlled current
source (VCCS), driving the output load formed primarily
by RLOAD and COUT, as shown in Figure 4.
The voltage error amplifier output (VC), provides a com-
mand input to the VCCS. As with peak current mode control,
the inner average current control loop effectively turns the
inductor into a current source over the frequency range of
interest, resulting in a frequency response from the power
stage that exhibits a single pole (–20dB/decade) roll-off.
The output capacitor (COUT) and load resistance (RLOAD)
form a dominant low frequency pole, where the effective
series resistance of the output capacitor and its capaci-
tance form a zero, usually at a high enough frequency to
be ignored, if ceramic capacitors are employed.
A potentially troublesome Right Half Plane Zero (RHPZ)
is also encountered if the converter is operated in boost
mode. The RHPZ causes an increase in gain, like a zero,
but a decrease in phase, like a pole. This can ultimately
limit the maximum converter bandwidth that can be
achieved with the LTM4693. The RHPZ is not present
when operating in buck mode.
+
–
COUT
VOUT
RLOAD
RESR
VCCS
VOLTAGE
ERROR
AMPLIFIER
gm = 110µA/V
gm VIN > VOUT: 10A/V
VIN > VOUT: (10A/V) • (VIN/VOUT)
4693 F04
FB
VC
1V
0.9V
CHF
RC
CC
R4
R3
VC
Figure 4. Simplified Representation of Average Current
Mode Control Loop Small Signal Model
The voltage amplifier’s frequency response is designed to
optimize the response for the overall loop. Measurement
of the power stage gain over line, load, component varia-
tion, and frequency is strongly recommended prior to
loop design. The design parameters for compensation
design will focus on the series resistor and capacitors
connected from VC to GND (RC, CC and CHF (Optional)).
Being a buck-boost converter, the target loop crossover
frequency for the compensation design will be dictated
by the highest boost ratio and load current as this will
result in the lowest RHPZ frequency. The general goal
is to set the crossover frequency and provide sufficient
phase boost using the external compensation network.
The LTpowerCAD design tool is available to download
online to perform loop compensation and transient
optimization.
Table 5 is provided for most application requirements.
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configuration
section of the data sheet are consistent with those param-
eters defined by JESD51-12 and are intended for use with
finite element analysis (FEA) software modeling tools that
leverage the outcome of thermal modeling, simulation,
and correlation to hardware evaluation performed on a
µModule package mounted to a hardware test board. The
motivation for providing these thermal coefficients can be
found in JESD51-12 (“Guidelines for Reporting and Using
Electronic Package Thermal Information”).
Many designers may opt to use laboratory equipment and
a test vehicle such as the demo board to anticipate the
µModule regulator’s thermal performance in their appli-
cation at various electrical and environmental operating
conditions to compliment any FEA activities. Without
FEA software, the thermal resistances reported in the
Pin Configuration section are, in-and-of themselves, not
relevant to providing guidance of thermal performance;
instead, the derating curves provided in the data sheet
can be used in a manner that yields insight and guidance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com