Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4413
Description  40V, 7A Ideal Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 5Page - Analog Devices LTC4413 Datasheet HTML 6Page - Analog Devices LTC4413 Datasheet HTML 7Page - Analog Devices LTC4413 Datasheet HTML 8Page - Analog Devices LTC4413 Datasheet HTML 9Page - Analog Devices LTC4413 Datasheet HTML 10Page - Analog Devices LTC4413 Datasheet HTML 11Page - Analog Devices LTC4413 Datasheet HTML 12Page - Analog Devices LTC4413 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LTC4451
9
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
coupling onto the SHDN# pin is a concern, a capacitor to
ground can be included.
Input Short-Circuit Faults
The dynamic behavior of an active LTC4451 ideal diode
entering reverse bias mode is most accurately character-
ized by a delay followed by a period of reverse recovery.
During the delay phase, when the gate driver is disabling
the internal N-Channel MOSFET, a reverse current is
present from OUT to IN. The magnitude of this current
depends on the timing of the part, reverse voltage and
parasitic impedances along the power path. After reverse
recovery, energy stored in the parasitic inductances is
transferred to other elements in the circuit, resulting in
high current transients and potentially destructive volt-
age spikes.
High slew rates coupled with parasitic inductances in
series with the input and output paths may cause poten-
tially destructive transients to appear at the IN and OUT
pins of the LTC4451 during reverse recovery.
A zero impedance short-circuit directly across the input
and ground is especially troublesome because it permits
the highest possible reverse current to build up during
the delay phase. When the internal MOSFET turns off to
interrupt the reverse current, the LTC4451 IN pin experi-
ences a negative voltage spike while the OUT pin spikes
in the positive direction.
To prevent damage to the LTC4451 under conditions of an
input short-circuit, protect the IN and OUT pins as shown
in Figure 3. The IN pin is protected by clamping to the
GND pin with a Schottky diode. Negative spikes, seen after
the MOSFET turns off during an input short are clamped
by D1. D1 and COUT absorb the reverse recovery energy
and protect the LTC4451. When the input short condition
disappears, the current stored in the parasitic inductance,
LS, flows through the body diode of the MOSFET charg-
ing up CLOAD. If CLOAD is small or nonexistent, both the
IN and OUT pins may rise to a level that can damage the
LTC4451. In this case, D1 needs to be a TransZorb or
TVS to limit the voltage difference between the IN and
GND pins.
OUT is protected by the MOSFET’s avalanche breakdown
and COUT. Nevertheless, the internal MOSFET could be
damaged by excessive current in higher voltage applica-
tions. A TVS (D2) can be used to protect the MOSFET
and OUT pin. COUT also preserves the fast turn-off time
when output parasitic inductance causes the IN and OUT
voltages to drop quickly.
Layout Considerations
High current applications demand careful attention to
trace resistances. The PCB trace associated with the IN/
OUT pins should have low resistance to reduce conduc-
tion power loss. Keep the traces to the IN and OUT pins
Figure 3. Input Short Protection Circuit with Parasitic Inductances
SW
D2
(OPTIONAL)
CLOAD
D1
CDBA20
1A
40V
LTC4451
GND
OUT
IN
VOUT
VIN
INPUT
SHORT
SWITCH
INPUT PARASITIC
INDUCTANCE
OUTPUT PARASITIC
INDUCTANCE
REVERSE
RECOVERY CURRENT
SOURCE PARASITIC
INDUCTANCE
LS
LIN
LOUT
COUT
4451 F03
+
–
+
–
+
–
CIN1
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com