Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP4EVT2AB Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SCIMX6QP4EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP4EVT2AB Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SCIMX6QP4EVT2AB Datasheet HTML 23Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 24Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 25Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 26Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 27Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 28Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 29Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 30Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
27
Table 8. Maximum Supply Currents
Power Supply
Conditions
Maximum Current
Unit
Power Virus
CoreMark
i.MX 6QuadPlus:
VDD_ARM_IN + VDD_ARM23_IN
• ARM frequency = 996 MHz
• ARM LDOs set to 1.3V
•Tj = 125
°C
3920
2500
mA
• ARM frequency = 852 MHz
• ARM LDOs set to 1.3V
•Tj = 125
°C
3630
2260
mA
i.MX 6DualPlus: VDD_ARM_IN1
• ARM frequency = 996 MHz
• ARM LDOs set to 1.3V
•Tj = 125
°C
2350
1200
mA
• ARM frequency = 852 MHz
• ARM LDOs set to 1.3V
•Tj = 125
°C
2110
1090
mA
i.MX 6DualPlus: or i.MX 6Quad:
VDD_SOC_IN
• Running 3DMark
• GPU frequency = 720 MHz
• SOC LDO set to 1.3V
•Tj = 125
°C
3900
mA
VDD_HIGH_IN
—
1252
mA
VDD_SNVS_IN
—
2753
μA
USB_OTG_VBUS/
USB_H1_VBUS (LDO 3P0)
—254
mA
Primary Interface (IO) Supplies
NVCC_DRAM
—
(see note5)
NVCC_ENET
N=10
Use maximum IO equation6
NVCC_LCD
N=29
Use maximum IO equation6
NVCC_GPIO
N=24
Use maximum IO equation6
NVCC_CSI
N=20
Use maximum IO equation6
NVCC_EIM0
N=19
Use maximum IO equation6
NVCC_EIM1
N=14
Use maximum IO equation6
NVCC_EIM2
N=20
Use maximum IO equation6
NVCC_JTAG
N=6
Use maximum IO equation6
NVCC_RGMII
N=6
Use maximum IO equation6
NVCC_SD1
N=6
Use maximum IO equation6
NVCC_SD2
N=6
Use maximum IO equation6
NVCC_SD3
N=11
Use maximum IO equation6
NVCC_NANDF
N=26
Use maximum IO equation6
NVCC_MIPI
—
25.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com