Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP4EVT2AB Datasheet(PDF) 108 Page - NXP Semiconductors

Part # SCIMX6QP4EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP4EVT2AB Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button SCIMX6QP4EVT2AB Datasheet HTML 104Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 105Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 106Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 107Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 108Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 109Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 110Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 111Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
108
NXP Semiconductors
Electrical Characteristics
HS Line Drivers DC Specifications
|VOD|
HS Transmit Differential
output voltage magnitude
80
Ω<= RL< = 125 Ω
140
200
270
mV
Δ|VOD|
Change in Differential output
voltage magnitude between
logic states
80
Ω<= RL< = 125 Ω
——
10
mV
VCMTX
Steady-state common-mode
output voltage.
80
Ω<= RL< = 125 Ω
150
200
250
mV
ΔVCMTX(1,0)
Changes in steady-state
common-mode output voltage
between logic states
80
Ω<= RL< = 125 Ω
——
5
mV
VOHHS
HS output high voltage
80
Ω<= RL< = 125 Ω
——
360
mV
ZOS
Single-ended output
impedance.
—
40
50
62.5
Ω
ΔZOS
Single-ended output
impedance mismatch.
——
—
10
%
LP Line Drivers DC Specifications
VOL
Output low-level SE voltage
—
-50
50
mV
VOH
Output high-level SE voltage
—
1.1
1.2
1.3
V
ZOLP
Single-ended output
impedance.
—
110
—
—
Ω
ΔZOLP(01-10)
Single-ended output
impedance mismatch driving
opposite level
——
—
20
%
ΔZOLP(0-11)
Single-ended output
impedance mismatch driving
same level
——
—
5
%
HS Line Receiver DC Specifications
VIDTH
Differential input high voltage
threshold
——
—
70
mV
VIDTL
Differential input low voltage
threshold
—-70
—
—
mV
VIHHS
Single ended input high
voltage
——
—
460
mV
VILHS
Single ended input low
voltage
—-40
—
—
mV
VCMRXDC
Input common mode voltage
—
70
—
330
mV
ZID
Differential input impedance
—
80
—
125
Ω
Table 68. Electrical and Timing Information (continued)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com