Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP4EVT2AB Datasheet(PDF) 122 Page - NXP Semiconductors

Part # SCIMX6QP4EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP4EVT2AB Datasheet(HTML) 122 Page - NXP Semiconductors

Back Button SCIMX6QP4EVT2AB Datasheet HTML 118Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 119Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 120Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 121Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 122Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 123Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 124Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 125Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 126Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
122
NXP Semiconductors
Electrical Characteristics
4.12.17.1.1 SATA PHY Transmitter Characteristics
Table 77 provides specifications for SATA PHY transmitter characteristics.
4.12.17.1.2 SATA PHY Receiver Characteristics
Table 78 provides specifications for SATA PHY receiver characteristics.
4.12.17.2 SATA_REXT Reference Resistor Connection
The impedance calibration process requires connection of reference resistor 191
Ω. 1% precision resistor
on SATA_REXT pad to ground.
Resistor calibration consists of learning which state of the internal Resistor Calibration register causes an
internal, digitally trimmed calibration resistor to best match the impedance applied to the SATA_REXT
pin. The calibration register value is then supplied to all Tx and Rx termination resistors.
During the calibration process (for a few tens of microseconds), up to 0.3 mW can be dissipated in the
external SATA_REXT resistor. At other times, no power is dissipated by the SATA_REXT resistor.
4.12.18 SCAN JTAG Controller (SJC) Timing Parameters
Figure 84 depicts the SJC test clock input timing. Figure 85 depicts the SJC boundary scan timing.
Figure 86 depicts the SJC test access port. Figure 87 depicts the JTAG_TRST_B timing. Signal
parameters are listed in Table 79.
Figure 84. Test Clock Input Timing Diagram
Table 77. SATA PHY Transmitter Characteristics
Parameters
Symbol
Min
Typ
Max
Unit
Transmit common mode voltage
VCTM
0.4
—
0.6
V
Transmitter pre-emphasis accuracy (measured
change in de-emphasized bit)
—–0.5
—
0.5
dB
Table 78. SATA PHY Receiver Characteristics
Parameters
Symbol
Min
Typ
Max
Unit
Minimum Rx eye height (differential peak-to-peak)
VMIN_RX_EYE_HEIGHT
175
—
—
mV
Tolerance
PPM
–400
—
400
ppm
JTAG_TCK
(Input)
VM
VM
VIH
VIL
SJ1
SJ2
SJ2
SJ3
SJ3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com