Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX890LC/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX890LC/D
Description  1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX890LC/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX890LC/D Datasheet HTML 1Page - Maxim Integrated Products MAX890LC/D Datasheet HTML 2Page - Maxim Integrated Products MAX890LC/D Datasheet HTML 3Page - Maxim Integrated Products MAX890LC/D Datasheet HTML 4Page - Maxim Integrated Products MAX890LC/D Datasheet HTML 5Page - Maxim Integrated Products MAX890LC/D Datasheet HTML 6Page - Maxim Integrated Products MAX890LC/D Datasheet HTML 7Page - Maxim Integrated Products MAX890LC/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1.2A, Current-Limited, High-Side
P-Channel Switch with Thermal Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +3V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ................................................................-0.3V to +6V
ON, FAULT to GND .................................................-0.3V to +6V
SET, OUT to GND ...................................... -0.3V to (VIN + 0.3V)
Maximum Continuous Switch Current ..................................1.5A
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) ..........................471mW
Operating Temperature Range
MAX890LESA ....................................................-40°C to +85°C
Storage Temperature Range ........................... -65°C to +150°C
Lead Temperature (soldering, 10s) . ...............................+300°C
Soldering Temperature (reflow) .......................................+260°C
ON = IN, VIN = VOUT = 5.5V
VIN = 5V
VIN = 3V, IOUT = 500mA
VIN = 5V, ON = GND, IOUT = 0A
VIN = 5V, IOUT = 500mA
20% current overdrive, VCC = 5V
V FAULT = 5.5V, VSET = 1V
VIN = 2.7V to 3.6V
VIN = 2.7V to 5.5V
ISINK = 1mA, VSET = 1.4V
VSET = 1.24V, IOUT = 0A; VIN = VOUT
IOUT = 500mA, VOUT > 1.6V
ON = IN, VIN = 5.5V, VOUT = 0V
Rising edge, 1% hysteresis
VIN = 4.5V
V ON = 5.5V
VSET required to turn the switch off (Note 1)
VIN = 4.5V to 5.5V
CONDITIONS
µs
25
Turn-Off Time
µs
185
Turn-On Time
120
200
µs
2
Fast-Current-Loop Response Time
µs
5
Slow-Current-Loop Response Time
µA
0.05
1
FAULT Logic Output High Leakage Current
V
0.4
FAULT Logic Output Low Voltage
µA
0.5
3
ISET Bias Current
µA
0.01
1
ON Input Leakage Current
V
2.4
ON Input High Voltage
µA
0.03
1
Off-Supply Current
µA
13
20
V
2.7
5.5
Operating Voltage
Quiescent Current
2.0
V
0.8
ON Input Low Voltage
A/A
970
1110
1300
IOUT to ISET Current Ratio
A
1.2
Maximum Output Current Limit
µA
0.04
15
Off-Switch Current
V
2.0
2.4
2.6
Undervoltage Lockout
75
130
V
1.178
1.240
1.302
Current-Limit-Amplifier Threshold
UNITS
MIN
TYP
MAX
PARAMETER
VIN = 3.0V
m
Ω
90
150
On-Resistance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com