Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLDD-H Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # NLDD-H
Description  DC-DC Constant Current Step-Down LED driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NLDD-H Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  NLDD-H Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NLDD-H Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NLDD-H Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NLDD-H Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NLDD-H Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. NLDD-H Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPECIFICATION
NLDD-350H
NLDD-500H
NLDD-700H
NLDD-1050H
NLDD-1200H
NLDD-1400H
ORDER NO.
CURRENT RANGE
VOLTAGE RANGE
Note.4
CURRENT ACCURACY (Typ.)
OUTPUT
EFFICIENCY (max.)
DC CURRENT
INPUT
PWM
DIMMING
&
ON/OFF
CONTROL
ENVIRONMENT
EMC
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
OPERATING CASE TEMP. (max.)
MTBF
DIMENSION
OTHERS
WEIGHT
POTTING MATERIAL
SHORT CIRCUIT
REMOTE ON/OFF
PWM FREQUENCY
QUIESCENT INPUT CURRENT
IN SHUTDOWN MODE(max.)
OVER TEMPERATURE
PROTECTION
RIPPLE & NOISE(max.) Note.2
SWITCHING FREQENCY
96% at full load and 36VDC/48VDC input
5mA
10 ~ 56VDC (59VDC Max.)
200KHz
±5% at 48VDC input
6 ~ 52VDC
350mA
150mVp-p
350mA
500mA
150mVp-p
490mA
700mA
1050mA
1200mA
1400mA
200mVp-p
350mVp-p
350mVp-p
6 ~ 46VDC
350mVp-p
700mA
1100mA
1200mA
1360mA
1000Khrs min. MIL-HDBK-217F (25℃)
-40 ~ + 50℃(Refer to derating curve)
20% ~ 90% RH non-condensing
-40 ~ +85℃, 10 ~ 95% RH
±0.03% / ℃
10 ~ 500Hz, 2G 10min./1 cycle, period for 60min. each along X, Y, Z axes
90℃
NLDD-H:15.6g ; NLDD-HW:18g
32.1*20.5*12.5mm or 1.26"*0.8"*0.49" inch (L*W*H)
Expoxy(UL94-V0)
Full load
Note.3
No load
Leave open if not use
Power ON with dimming: DIM ~ -Vin >2.5 ~ 5VDC or open circuit
Power OFF : DIM ~ -Vin < 0.8VDC or short
100 ~ 1KHz
2mA at PWM dimming OFF at 48VDC input
VOLTAGE RANGE
Tj 165℃ typically(IC1) detect on main control IC
Regulated at rated current
Protection type: Can be continued, recovers automatically after fault condition is removed
Protection type : Shut down, recovers automatically after temperature goes down
Compliance to BS EN/EN55015, BS EN/EN61547
Compliance to BS EN/EN61000-4-2,3,4,6,8, light industry level, criteria A, EAC TP TC 020
℃
μ






  :  ,    https://www.meanwell.com/serviceDisclaimer.aspx
NOTE
EMC IMMUNITY
EMC EMISSION
LVD BS EN/EN61347-1, BS EN/EN61347-2-13;IEC61347 and EAC TP TC 004 approved
SAFETY STANDARDS
DC-DC Constant Current Step-Down LED driver
NLDD-H series
File Name:NLDD-H-SPEC 2021-09-24
95% at full load and 36VDC/48VDC input



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com