Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2402MLF Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS2402MLF
Description  Multiplier and Zero Delay Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2402MLF Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS2402MLF Datasheet HTML 1Page - Integrated Circuit Systems ICS2402MLF Datasheet HTML 2Page - Integrated Circuit Systems ICS2402MLF Datasheet HTML 3Page - Integrated Circuit Systems ICS2402MLF Datasheet HTML 4Page - Integrated Circuit Systems ICS2402MLF Datasheet HTML 5Page - Integrated Circuit Systems ICS2402MLF Datasheet HTML 6Page - Integrated Circuit Systems ICS2402MLF Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Multiplier and Zero Delay Buffer
MDS 2402 D
2
Revision 122104
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS2402
Pin Assignment
Clock Multiplier Decoding Table 1
(Multiplies Input clock by shown amount)
Pin Descriptions
ICLK
NC
GND
VDD
FBIN
S0
CLK
1
2
3
4
8
7
6
5
GND
NC
1
2
3
4
8
7
6
5
8 pin (150 mil) SOIC
S0
CLK
0
2 X ICLK
1ICLK
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
ICLK
Input
Reference clock input.
2
NC
—
No connect. Do not connect to anything.
3
GND
Power
Connect to ground.
4
FBIN
Input
Feedback clock input.
5
NC
—
No connect. Do not connect to anything.
6
S0
Input
Select pin for Clock Multiplier Decoding Table above.
7
VDD
Power
Connect to +3.3 V or +5.0 V.
8
CLK
Output
Clock output per table above.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com