Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCV80-F200-R4-V19 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # PCV80-F200-R4-V19
Description  Optical reading head
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PCV80-F200-R4-V19 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  PCV80-F200-R4-V19 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PCV80-F200-R4-V19 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PCV80-F200-R4-V19 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Optical reading head
PCV80-F200-R4-V19
3
Mounting and commissioning
Mount the reading head such that its optical surface captures the optimal read distance to the code band (see Technical Data). The stability of
the mounting and the guidance of the vehicle must be provided such that the depth of field of the reading head is not closed during operation.
All reading heads can be optimally customized by parameterization for specific requirements. The parameterization of reading heads with a bi-
directional interface (all except SSI-interface) can take place via the interface itself (internal parameterization) or via an optical parameterization
code (external parameterization). The reading heads with SSI interface only have the possibility of external parameterization via optical param-
eterization codes.
Displays and Controls
The reading head allows visual function check and fast diagnosis with 7 indicator LEDs. The reading head has 2 buttons on the reverse of the
device to activate the alignment aid and parameterization mode.
LEDs
External parameterization
For external parameterization you require the parameterization code as Data Matrix with the desired reading head parameters. Data Matrix code
cards for step-by-step external parameterization are printed in the reading heads operating instructions.
Parameterization is only possible within 10 minutes of switching on the reading head. If a button is pressed after 10 minutes subsequent to switch-
ing on, there is visual signaling via the LEDs (LED1, yellow/LED2, red/LED3, yellow/LED4, yellow/LED5, yellow flash for 2 seconds)
• The switchover from normal operation to parameterization mode is via button 2 on the reverse of the reading head. Button 2 must be pressed
for more than 2 seconds. LED3 now flashes.
Note: Parameterization mode automatically ends after 1 minute of inactivity. The reading head returns to normal operation and works with
unchanged settings.
• Place the parameterization code in the view of the camera module. After recognition of the parameterization code, the green LED2 lights up
for 1s. In the event of an invalid parameterization code, the red LED2 lights up for 2 s.
• A short press on button 2 ends the parameterization mode and the changed parameters are not stored volatile in the reading head.
Alignment aid for the Y and Z coordinates
The activation of the alignment aid is only possible within 10 minutes of switching on the reading head. The switchover from normal operation to
“alignment aid operating mode is via button 1 on the reverse of the reading head.
• Press the button 1 for longer than 2 s. LED2 flashes green for a recognized code band. LED2 flashes red for an unrecognized code band.
•Z coordinate: If the distance of the camera to the code band too small, the yellow LED5 lights up. If the distance of the camera to the code
band too large, the yellow LED5 lights up. Within the target range, the yellow LED5 flashes at the same time as the green LED2.
•Y coordinate: If the optical axis of the camera is too deep in relation to the middle of the code band, the yellow LED4 lights up. If the optical
axis is too high, the yellow LED4 extinguishes. Within the target range, the yellow LED4 flashes at the same time as the green LED2.
• A short press on button 1 ends the alignment aid and the reading head changes to normal operation.
LED
Color
Label
Meaning
1
Yellow
COM
Communication active
2
Green/red
PWR/ADJ
ERR/NO CODE
Code recognized/not recognized, Error
3
Yellow
OUT1
Output 1
4
Yellow
OUT2/ADJ Y
Output 2, Alignment aid Y
5
Yellow
OUT3/ADJ Z
Output 3, Alignment aid Z
6,7
red/green/yellow
INTERNAL
DIAGNOSTICS
Internal diagnostics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com