Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS7151M-10 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS7151M-10
Description  Spread Spectrum Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS7151M-10 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS7151M-10 Datasheet HTML 1Page - Integrated Circuit Systems ICS7151M-10 Datasheet HTML 2Page - Integrated Circuit Systems ICS7151M-10 Datasheet HTML 3Page - Integrated Circuit Systems ICS7151M-10 Datasheet HTML 4Page - Integrated Circuit Systems ICS7151M-10 Datasheet HTML 5Page - Integrated Circuit Systems ICS7151M-10 Datasheet HTML 6Page - Integrated Circuit Systems ICS7151M-10 Datasheet HTML 7Page - Integrated Circuit Systems ICS7151M-10 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Spread Spectrum Clock Generator
MDS 7151 E
2
Revision 012306
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS7151
Pin Assignment
Spread Direction and Percentage
Select Table
Notes:
1. The modulation rate varies with input frequency.
2. Spread will default to ON when ENS pin is left open.
Pin Descriptions
XOUT
GND
S0
VDD
S1
CKOUT
ENS
XIN
1
2
3
4
8
7
6
5
8 pin (150 mil) SOIC
S1
Pin 4
(note1)
S0
Pin 3
(note1)
Spread
Direction
Spread
Percentage (%)
0
0
Center
±1.5
0
1
Center
±0.5
10
Down
-1.0
1
1
Down
-3.0
ENS
(note 2)
Spread Spectrum
0
OFF
1
ON
Pin
Number
Pin
Name
Pin Type
Pin Description
1
XIN
Input
Resonator connection pin/clock input pin.
2
GND
Power
Connect to ground.
3
S0
Input
Select pin 0. Modulation rate setting pin.
4
S1
Input
Select pin 1. Modulation rate setting pin.
5
CKOUT
Output
Modulated clock output pin.
6
ENS
Input
Modulation enable setting pin. Internal pull-up resistor.
7
VDD
Power
Connect to +3.3 V.
8
XOUT
Output
Resonator connection pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com