Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8305I Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS8305I
Description  LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8305I Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS8305I Datasheet HTML 7Page - Integrated Circuit Systems ICS8305I Datasheet HTML 8Page - Integrated Circuit Systems ICS8305I Datasheet HTML 9Page - Integrated Circuit Systems ICS8305I Datasheet HTML 10Page - Integrated Circuit Systems ICS8305I Datasheet HTML 11Page - Integrated Circuit Systems ICS8305I Datasheet HTML 12Page - Integrated Circuit Systems ICS8305I Datasheet HTML 13Page - Integrated Circuit Systems ICS8305I Datasheet HTML 14Page - Integrated Circuit Systems ICS8305I Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Integrated
Circuit
Systems, Inc.
8305AGI
www.icst.com/products/hiperclocks.html
REV. B MAY 19, 2005
12
ICS8305I
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/
LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS8305I is: 459
TABLE 6.
θ
JA
VS
. AIR FLOW TABLE FOR 16 LEAD TSSOP
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
137.1°C/W
118.2°C/W
106.8°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
89.0°C/W
81.8°C/W
78.1°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
LVCMOS Receiv er
R1
43
VDD
R5
1K
LVCMOS Receiv er
VDD=3.3V
VDD
R4
1K
Zo = 50
(U1,11)
Ro ~ 7 Ohm
3,.3V LVCMOS
(U1,15)
(U1,3)
VDD
R3
43
R2
43
C2
0.1u
U1
ICS8305
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
GND
OE
VDD
CLK_EN
CLK
nCLK
CLK_SEL
LVCMOS_CLK
GND
Q3
VDDO
Q2
GND
Q1
VDDO
Q0
Zo = 50
VDD
Zo = 50
C1
0.1u
R6
1K
C3
0.1u
SCHEMATIC EXAMPLE
This application note provides general design guide using
ICS8305I LVCMOS buffer.
Figure 4 shows a schematic example
of the ICS8305I LVCMOS clock buffer. In this example, the input
FIGURE 4. EXAMPLE ICS8305I LVCMOS CLOCK OUTPUT BUFFER SCHEMATIC
is driven by an LVCMOS driver. CLK_EN is set at logic low to
select LVCMOS_CLK input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com