Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS16857 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS16857
Description  DDR 14-Bit Registered Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS16857 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS16857 Datasheet HTML 1Page - Integrated Circuit Systems ICS16857 Datasheet HTML 2Page - Integrated Circuit Systems ICS16857 Datasheet HTML 3Page - Integrated Circuit Systems ICS16857 Datasheet HTML 4Page - Integrated Circuit Systems ICS16857 Datasheet HTML 5Page - Integrated Circuit Systems ICS16857 Datasheet HTML 6Page - Integrated Circuit Systems ICS16857 Datasheet HTML 7Page - Integrated Circuit Systems ICS16857 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
ICSSSTV16857
Third party brands and names are the property of their respective owners.
16857 Rev D 07/09/01
Pin Configuration
Recommended Application:
DDR Memory Modules
Product Features:
•
Differential clock signal
•
Meets SSTL_2 signal data
•
Supports SSTL_2 class I & II specifications
•
low-voltage operation
VDD = 2.3V to 2.7V
•
48 pin TSSOP package
DDR 14-Bit Registered Buffer
Truth Table
1
Block Diagram
Q1
Q2
GND
VDDQ
Q3
Q4
Q5
GND
VDDQ
Q6
Q7
VDDQ
GND
Q8
Q9
VDDQ
GND
Q10
Q11
Q12
VDDQ
GND
Q13
Q14
D1
D2
GND
VDD
D3
D4
D5
D6
D7
CLK#
CLK
VDD
GND
VREF
RESET#
D8
D9
D10
D11
D12
VDD
GND
D13
D14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
CLK
CLK#
38
39
48
35
34
D1
VREF
RESET#
To 13 Other Channels
Q1
1
CLK
R
D1
Notes:
1.
H = High Signal Level
L = Low Signal Level
↑ = Transition LOW-to-HIGH
↓ = Transition HIGH -to LOW
X = Irrelevant
2.
Output level before the indicated
steady state input conditions were
established.
s
t
u
p
n
Is
t
u
p
t
u
O
Q
#
T
E
S
E
RK
L
C#
K
L
CD
Q
L
r
o
X
g
n
i
t
a
o
l
F
r
o
X
g
n
i
t
a
o
l
F
r
o
X
g
n
i
t
a
o
l
F
L
H
↑↓
HH
H
↑↓
LL
HH
r
o
LH
r
o
LX
Q
0
)
2
(
48-Pin TSSOP & TVSOP
6.10 mm. Body, 0.50 mm. pitch = TSSOP
4.40 mm. Body, 0.40 mm. pitch = TSSOP (TVSOP)
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS16857

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS16857C ICST-ICS16857C Datasheet
78Kb / 8P
DDR 14-Bit Registered Buffer
More results

Similar Description - ICS16857

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTV16857 ICST-ICSSSTV16857 Datasheet
114Kb / 8P
DDR 14-Bit Registered Buffer
Rev D 07/09/01
ICSSSTVA16857 ICST-ICSSSTVA16857 Datasheet
73Kb / 9P
DDR 14-Bit Registered Buffer
logo
Alliance Semiconductor ...
AS80SSTVF16857 ALSC-AS80SSTVF16857 Datasheet
93Kb / 12P
DDR 14-Bit Registered Buffer
ASM4SSTVF16857 ALSC-ASM4SSTVF16857 Datasheet
147Kb / 16P
DDR 14-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICS16857C ICST-ICS16857C Datasheet
78Kb / 8P
DDR 14-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVF16857 IDT-ICSSSTVF16857 Datasheet
939Kb / 8P
DDR 14-BIT REGISTERED BUFFER
ICSSSTVA16857 IDT-ICSSSTVA16857 Datasheet
83Kb / 9P
DDR 14-Bit Registered Buffer
logo
Renesas Technology Corp
ICSSSTV16857C RENESAS-ICSSSTV16857C Datasheet
433Kb / 10P
DDR 14-Bit Registered Buffer
2019
ICSSSTVA16857 RENESAS-ICSSSTVA16857 Datasheet
234Kb / 10P
DDR 14-Bit Registered Buffer
2019
ICSSSTVF16857 RENESAS-ICSSSTVF16857 Datasheet
520Kb / 9P
DDR 14-Bit Registered Buffer
10/28/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com