Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS16857C Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS16857C
Description  DDR 14-Bit Registered Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS16857C Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS16857C Datasheet HTML 1Page - Integrated Circuit Systems ICS16857C Datasheet HTML 2Page - Integrated Circuit Systems ICS16857C Datasheet HTML 3Page - Integrated Circuit Systems ICS16857C Datasheet HTML 4Page - Integrated Circuit Systems ICS16857C Datasheet HTML 5Page - Integrated Circuit Systems ICS16857C Datasheet HTML 6Page - Integrated Circuit Systems ICS16857C Datasheet HTML 7Page - Integrated Circuit Systems ICS16857C Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ICSSSTV16857C
0002F—10/25/02
Absolute Maximum Ratings
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 3.6V
Input Voltage
1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-0.5 to VDD +0.5
Output Voltage
1,2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-0.5 to VDDQ +0.5
Input Clamp Current . . . . . . . . . . . . . . . . . . . . ±50 mA
Output Clamp Current . . . . . . . . . . . . . . . . . . . ±50 mA
Continuous Output Current . . . . . . . . . . . . . . . ±50 mA
VDD, VDDQ or GND Current/Pin . . . . . . . . . . . . ±100 mA
Package Thermal Impedance
3
. . . . . . . . . . . . . . . .
55°C/W
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device.These ratings
are stress specifications only and functional operation of the device at these or any other conditions above those listed in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
Notes:
1. The input and output negative voltage
ratings may be excluded if the input
and output clamp ratings are observed.
2. This current will flow only when the
output is in the high state level
V0 >VDDQ.
3. The package thermal impedance is
calculated
in
accordance
with
JESD 51.
Recommended Operating Conditions
PARAMETER
MIN
TYP
MAX
UNITS
VDD
2.3
2.5
2.7
VDDQ
2.3
2.5
2.7
VREF
1.15
1.25
1.35
VTT
VREF - 0.04
VREF
VREF + 0.04
VI
Input Voltage
0
VDDQ
VIH (DC)
DC Input High Voltage
VREF + 0.15
VIH (AC)
AC Input High Voltage
VREF + 0.31
VIL (DC)
DC Input Low Voltage
VREF - 0.15
VIL (DC)
AC Input Low Voltage
VREF - 0.31
VIH
Input High Voltage Level
1.7
VIL
Input Low Voltage Level
0.7
VICR
Common mode Input Range
0.97
1.53
VID
Differential Input Voltage
0.36
VIX
(VDDQ/2) - 0.2
(VDDQ/2) + 0.2
IOH
-20
IOL
20
TA
070
°C
1Guarenteed by design, not 100% tested in production.
DESCRIPTION
Supply Voltage
I/O Supply Voltage
Reference Voltage
Operating Free-Air Temperature
RESET#
CLK, CLK#
V
Termination Voltage
Cross Point Voltage of Differential Clock
Pair
High-Level Output Current
Low-Level Output Current
Data Inputs
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com