Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7152AM11 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # 7152AM11
Description  Spread Spectrum Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

7152AM11 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  7152AM11 Datasheet HTML 1Page - Integrated Circuit Systems 7152AM11 Datasheet HTML 2Page - Integrated Circuit Systems 7152AM11 Datasheet HTML 3Page - Integrated Circuit Systems 7152AM11 Datasheet HTML 4Page - Integrated Circuit Systems 7152AM11 Datasheet HTML 5Page - Integrated Circuit Systems 7152AM11 Datasheet HTML 6Page - Integrated Circuit Systems 7152AM11 Datasheet HTML 7Page - Integrated Circuit Systems 7152AM11 Datasheet HTML 8Page - Integrated Circuit Systems 7152AM11 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Spread Spectrum Clock Generator
MDS 7152A A
2
Revision 102005
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS7152A
Pin Assignment
Modulation Enable Select Table
Spread Direction and Percentage
Select Table
Frequency Select Table
Pin Descriptions
XENS
Pin 8
Modulation
0
Modulation
1
No modulation
XENS
XOUT
GND
FREQ
SEL
CKOUT
VDD
XIN
1
2
3
4
8
7
6
5
8 pin (150 mil) SOIC
SEL
Pin 4
Spread
Direction
Spread
Percentage (%)
Part Number
0
Center
±0.5
ICS7152AM-11
Down
-1.0
ICS7152AM-02
1
Center
±1.5
ICS7152AM-11
Down
-3.0
ICS7152AM-02
FREQ
Pin 7
Frequency
0
16.6 to 40 MHz
ICS7152AM-11
40 to 80 MHz
ICS7152AM-02
1
33 to 67 MHz
ICS7152AM-11
66 to 134 MHz
ICS7152AM-02
Pin
Number
Pin
Name
Pin Type
Pin Description
1
XIN
Input
Crystal/clock input pin.
2
XOUT
Output
Crystal.
3
GND
Power
Connect to ground.
4
SEL
Input
Spread modulation select.
5
CKOUT
Output
Spread modulation select.
6
VDD
Power
Connect to +3.3 V.
7
FREQ
Input
Frequency select.
8
XENS
Output
Modulation enable select.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com