Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS18002 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS18002
Description  Low EMI Clock Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS18002 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS18002 Datasheet HTML 1Page - Integrated Circuit Systems ICS18002 Datasheet HTML 2Page - Integrated Circuit Systems ICS18002 Datasheet HTML 3Page - Integrated Circuit Systems ICS18002 Datasheet HTML 4Page - Integrated Circuit Systems ICS18002 Datasheet HTML 5Page - Integrated Circuit Systems ICS18002 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LOW EMI CLOCK GENERATOR
ICS180-02
MDS 180-02 A
5
Revision 110404
Integrated Circ uit Systems l 52 5 Race Stre et, San Jose, CA 95 126 l te l (4 08) 297 -1 201 l
www.icst.com
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V±5% or 5 V±10%, Ambient Temperature 0 to +70
° C, C
L=15 pf
Note 1: Measured with 15 pF load
Thermal Characteristics
Marking Diagram
Marking Diagram (Pb free)
Notes:
1. ###### is the lot number.
2. YYWW is the last two digits of the year and week
that the part was assembled.
3. “LF” denotes Pb (lead) free package.
4. Bottom marking: country of origin.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input/Output Frequency
15
28
MHz
Input Clock Duty Cycle
Time above VDD/2
40
60
%
Output Clock Duty Cycle
Note 1
40
50
60
%
Output Rise Time
tOR
0.8 to 2.4 V, note 1
2
5
ns
Output Fall Time
tOF
2.4 to 0.8 V, note 1
2
5
ns
Jitter
Cycle-to-cycle
250
300
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
150
°C/W
θ
JA
1 m/s air flow
140
°C/W
θ
JA
3 m/s air flow
120
°C/W
Thermal Resistance Junction to Case
θ
JC
40
°C/W
180M-02
######
YYWW
14
5
8
180M02LF
######
YYWW
14
5
8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com