Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS18051 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS18051
Description  Low EMI Clock Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS18051 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS18051 Datasheet HTML 1Page - Integrated Circuit Systems ICS18051 Datasheet HTML 2Page - Integrated Circuit Systems ICS18051 Datasheet HTML 3Page - Integrated Circuit Systems ICS18051 Datasheet HTML 4Page - Integrated Circuit Systems ICS18051 Datasheet HTML 5Page - Integrated Circuit Systems ICS18051 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LOW EMI CLOCK GENERATOR
ICS180-51
MDS 180-51 A
2
Revision 110404
Integrated Circ uit Systems l 52 5 Race Stre et, San Jose, CA 95 126 l te l (4 08) 297 -1 201 l
www.icst.com
Pin Assignment
Spread Spectrum Select Table
0 = connect to GND
1 = connect directly to VDD
Note: SS% pin has an internal pull-up resistor
Frequency Range Selection Table
Pin Descriptions
1
2
3
X1/CLKIN
4
X2
GND
FS1
SS%
VDD
CLKOUT
8
7
6
5
FS2
8 pin (150 mil) SOIC
SS%
(Pin 4)
Spread
Direction
Spread
Percentage (%)
0
Center
+/-0.625%
1
Center
+/1.875%
FS2
(Pin 8)
FS1
(Pin 7)
Frequency
Range Selection
(MHz)
00
8-10
0
1
10-15
1
0
15-18
1
1
18-28
Pin
Number
Pin
Name
Pin Type
Pin Description
1
X1/CLKIN
Input
Crystal or Clock Input.
2
X2
Output
Crystal output. Float for a clock input.
3
GND
Power
Connect to ground.
4
SS%
Input
Select pin for spread amount. See table above. Internal pull-up resistor.
5
CLKOUT
Output
Spread spectrum clock output per table above.
6
VDD
Power
Connect to 3.3 V or 5 V.
7
FS1
Input
Select pin for input frequency. See table above. Internal pull-up resistor.
8
FS2
Input
Select pin for input frequency. See table above. Internal pull-up resistor.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com