Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS18053 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS18053
Description  Low EMI Clock Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS18053 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS18053 Datasheet HTML 1Page - Integrated Circuit Systems ICS18053 Datasheet HTML 2Page - Integrated Circuit Systems ICS18053 Datasheet HTML 3Page - Integrated Circuit Systems ICS18053 Datasheet HTML 4Page - Integrated Circuit Systems ICS18053 Datasheet HTML 5Page - Integrated Circuit Systems ICS18053 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LOW EMI CLOCK GENERATOR
ICS180-53
MDS 180-53 A
4
Revision 110404
Integrated Circ uit Systems l 52 5 Race Stre et, San Jose, CA 95 126 l te l (4 08) 297 -1 201 l
www.icst.com
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
°C
Unless stated otherwise, VDD = 5 V, ±10%, Ambient Temperature 0 to +70
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
3.465
V
Supply Current
IDD
No load, at 3.3 V
18
32
mA
Input High Voltage
VIH
2.4
V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -15 mA
2.4
V
Output Low Voltage
VOL
IOL = 15 mA
0.4
V
Input Capacitance
CIN
57
pF
Output Impedance
Rout
25
ohms
Input Pull-up Resistor
500
K
Ω
Power-up Time
First locked clock
cycle after steady
power
5ms
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
4.5
5
5.5
V
Supply Current
IDD
No load, at 3.3 V
30
50
mA
Input High Voltage
VIH
0.7VDD
V
Input Low Voltage
VIL
0.15VDD
V
Output High Voltage
VOH
IOH = -24 mA
2.4
V
Output Low Voltage
VOL
IOL = 24 mA
0.4
V
Output Impedance
Rout
20
ohms
Input Capacitance
CIN
57
pF
Input Pull-up Resistor
500
K
Ω
Power-up Time
First locked clock
cycle after steady
power
5ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com