Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77950 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77950
Description  Wireless power transmitter with WPC/PMA compliance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77950 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77950 Datasheet HTML 1Page - Maxim Integrated Products MAX77950 Datasheet HTML 2Page - Maxim Integrated Products MAX77950 Datasheet HTML 3Page - Maxim Integrated Products MAX77950 Datasheet HTML 4Page - Maxim Integrated Products MAX77950 Datasheet HTML 5Page - Maxim Integrated Products MAX77950 Datasheet HTML 6Page - Maxim Integrated Products MAX77950 Datasheet HTML 7Page - Maxim Integrated Products MAX77950 Datasheet HTML 8Page - Maxim Integrated Products MAX77950 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX77950
MAX77950 Evaluation Kit
RXMODE
In the
RXMODE tab, the registers associated with the
receiver mode function can be examined. Some registers
are writable and can be changed by the user.
● The LDO output voltage (VOUTSET) and the LDO cur-
rent limit (LDO_ILMITSET) can be changed by the
user. As seen in box #1 in Figure 3, the default value
of VOUT is 5V.
• Click
Read to ensure that the current value in the
register is properly displayed.
• Adjust the slide bar to set the value desired and
send the changes to the IC by clicking the
Write
button next to the slide bar.
• Repeat the steps to change the LDO current limit
(box #2).
● The end-power-transfer (EPT) packet can be sent
manually by the GUI along with the reason for EPT.
The reason for EPT must be set before sending the
EPT packet (Figure 3).
• By sliding the cursor, the reason for EPT can be se-
lected. Click
Write to fix the values of EPT reason
on the EPT_REASON register (box #3).
• To send the EPT packet, toggle the switch next to
the
Send EPT in box #4 and then click the Write
button (#5) in the
RX_COM group box.
● The proprietary packet (PPP) can also be sent by the
IC. The user can practice sending a PPP using the
GUI. In WPC specifications, several PPPs are de-
fined and they have a message length up to 20 bytes.
The IC supports the PPP that supports up to 5 bytes
of the message.
The following example procedure is for sending a PPP
with the GUI:
● Decide on the PPP with the designed message length
(in this example, it is 3)
● Write the PPP_HEADER as 0x38 because the PPP
that starts with the 0x38 header is defined to have 3
bytes of the message in the specification (box #6).
● Write 3 bytes of message in the RX_DATA_VAL-
UE0/1/2 (box #7).
● Toggle on the SEND_RX_DATA bit (box #8) and send
by clicking the
Write button (box #5).
Figure 3. MAX77950 EV Kit GUI (RXMODE Tab)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com