Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX44285 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX44285
Description  Precision Real-Time Current Monitoring
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44285 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX44285 Datasheet HTML 1Page - Maxim Integrated Products MAX44285 Datasheet HTML 2Page - Maxim Integrated Products MAX44285 Datasheet HTML 3Page - Maxim Integrated Products MAX44285 Datasheet HTML 4Page - Maxim Integrated Products MAX44285 Datasheet HTML 5Page - Maxim Integrated Products MAX44285 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX44285
MAX44285 Evaluation Kit
Figure 2. MAX44285 EV Kit Component Placement Guide—
Component Side
Figure 3. MAX44285 EV Kit PCB Layout—Component Side
Figure 4. MAX44285 EV Kit PCB Layout—Solder Side
1"
GND
VOUT2
VOUT1
R8
R7
U1
C1
C2
RS2-
RS1-
RS2+
VDD
RS1+
R6
R5
R4
R3
R2
R1
VSENSE2-
VSENSE2+
VSENSE1+
VSENSE1-
03/14 KT
REV-A
P/N EPCB44285
GND
GND
GND
MAX44285 EVKIT
www.maximintegrated.com
1-408-601-1000
GND
A1
1”
1”



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com