Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX44006 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX44006
Description  Daughter Board Powered by the EV Kit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44006 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX44006 Datasheet HTML 1Page - Maxim Integrated Products MAX44006 Datasheet HTML 2Page - Maxim Integrated Products MAX44006 Datasheet HTML 3Page - Maxim Integrated Products MAX44006 Datasheet HTML 4Page - Maxim Integrated Products MAX44006 Datasheet HTML 5Page - Maxim Integrated Products MAX44006 Datasheet HTML 6Page - Maxim Integrated Products MAX44006 Datasheet HTML 7Page - Maxim Integrated Products MAX44006 Datasheet HTML 8Page - Maxim Integrated Products MAX44006 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
JUMPER
SHUNT POSITION
DESCRIPTION
JU6
1-2*
The on-board LDO (U6) provides 3.6V output to the EV kit.
Pin 1
Disconnects the output of the on-board LDO (U6).
JU7
1-2*
The on-board LDO (U7) provides 2.5V output to the EV kit.
Pin 1
Disconnects the output of the on-board LDO (U7).
JU8
1-2*
The on-board LDO (U10) provides 1.2V output to the EV system.
Pin 1
Disconnects the output of the on-board LDO (U10).
JU10
1-2*
On-board LDOs powered from the USB port.
2-3
Connects an external 5V supply to the DVDD connector.
JU11
1-2*
The on-board LDO (U15) provides 1.8V output to the EV system.
Pin 1
Disconnects the output of the on-board LDO (U15).
JU12
1-2*
Connects the A0 pin of the on-board MAX44006 to VDD (I2C slave address = 0x88).
2-3
Connects the A0 pin of the on-board MAX44006 to GND (I2C slave address = 0x8A).
JU13
1-2*
The on-board 1.8V supply connects to the VDD pin of the MAX44006.
2-3
Connects an external supply to the EXT_VDD connector.
JU14
1-2*
MAX44006 SDA signal connected to the on-board microcontroller.
2-3
Connects a user-supplied SDA signal to the on-board EXT_SDA PCB pad.
JU15
1-2*
MAX44006 SCL signal connected to the on-board microcontroller.
2-3
Connects a user-supplied SCL signal to the on-board EXT_SCL PCB pad.
JU16
1-2*
MAX44006 INT signal connected to the on-board microcontroller.
2-3
Connects a user-supplied INT signal to the on-board EXT_INTB PCB pad.
MAX44006 Evaluation System
Evaluates: MAX44006
4
Maxim Integrated
Quick Start
Required Equipment
• MAX44006EVkit(USBcableincluded)
• WindowsXP,WindowsVista,orWindows7PCwitha
spare USB port
Note: In the following sections, software-related items
are identified by bolding. Text in bold refers to items
directly from the EV system software. Text in bold and
underlined refers to items from the Windows operating
system.
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation:
1) Visit www.maximintegrated.com/evkitsoftware to
download the latest version of the EV kit software,
44006Rxx.ZIP. Save the EV kit software to a temporary
folder and uncompress the ZIP file.
2) Install the EV kit software and USB driver on your com-
puter by running the INSTALL.EXE program inside
the temporary folder. The program files are copied to
your PC and icons are created in the Windows Start
| Programs menu. During software installation, some
versions of Windows may show a warning message
indicating that this software is from an unknown pub-
lisher. This is not an error condition and it is safe to
proceed with installation. Administrator privileges are
required to install the USB device driver on Windows.
3) Verify that all jumpers (JU6, JU7, JU8 and JU10–JU16)
are in their default positions, as shown in Table 1.
4) Connect the USB cable from the PC to the EV kit
board. A Windows message appears when connect-
ing the EV kit board to the PC for the first time. Each
version of Windows has a slightly different message.
If you see a Windows message stating ready to use,
then proceed to the next step. Otherwise, open the
USB_Driver_Help_200.PDF document in the Windows
Start | Programs menu to verify that the USB driver
was installed successfully.
5) Start the EV kit software by opening its icon in the
Start | Programs menu. The EV system software main
window appears, as shown in Figure 1.
6) Select Clear+RGB+IR in the Operating Mode drop-
down list in the top left side of the software GUI.
7) In the Color Map Display tab sheet, check the Auto
Convert checkbox in the Single Conversion group
box to read the ADC values.
Table 1. Jumper Settings (JU6, JU7, JU8 and JU10–JU16)
*Default position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com