Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3681 Datasheet(PDF) 1 Page - ams AG

Part # AS3681
Description  Power AND Lighting Management Unit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3681 Datasheet(HTML) 1 Page - ams AG

  AS3681 Datasheet HTML 1Page - ams AG AS3681 Datasheet HTML 2Page - ams AG AS3681 Datasheet HTML 3Page - ams AG AS3681 Datasheet HTML 4Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
austriamicrosystems
AS3681
Power & Lighting Management Unit
Product Brief
© 1997-2004, austriamicrosystems
USA, Inc. 8601 Six Forks Road, Suite 400 Raleigh,NC 27615 USA. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.0
1 - 4
1 General Description
The AS3681 is a highly-integrated
, ultra-flexible CMOS
Power- and Lighting Management Unit to supply power to
LCD- and camera-modules in mobile telephones,
and other 1-cell Li+ or 3-cell NIMH powered devices.
The AS3681 incorporates one low-power, low-dropout reg-
ulator (LDO), one Step Up DC/DC Converter for white
backlight LEDs, one high-power Charge Pump for camera
flash LEDs, one Analog-to-Digital Converter, support for up
to 11 current sinks, a serial interface, and control logic all
onto a single die.
The linear analog regulator features extremely high analog
performance regarding:
!
Noise (< 30
µVrms from 100Hz to 100kHz)
!
Line/load Regulation
(<1mV Static and <20mV Transient)
!
Power Supply Rejection (>70dB@1kHz)
!
Ultra-Low Power Consumption
(1µA Shutdown, 6µA Standby)
LDO output voltages and output currents are programma-
ble via a serial interface.
2 Key Features
!
Programmable High-Performance Regulator
- Low-Noise LDO (1.8 to 3.4V, 100mA)
- 2.8V Default Output Voltage after Power-up
- 3µA Quiescent Current in Standby (Iout <5mA)
- Turns On/Off with Rising/Falling Edge of GPIO
Supply Voltage
- Programmable via Serial Interface
!
High-Efficiency Step Up DC/DC Converter
- Up to 25V/50mA for White LEDs
- Programmable Output Voltage with External Resis-
tors and Serial Interface
!
High-Efficiency High-Power Charge Pump
- 1:1, 1.5:1 and 2:1 Mode
- Output Current up to 400mA
- Efficiency up to 95%
- Only 4 External Capacitors Required:
2 x 1µF Flying Capacitors, 2 x 2.2µF Input/Output
Capacitors
- Supports LCD White Backlight LEDs,
Camera Flash White LEDs, and Keypad Backlight
LEDs
!
Supports up to 11 Current Sinks
- Three Programmable (4-bit) from: 10 to 150mA
resp. 300mA
- Two Programmable (4-bit) from: 2.5 to 37.5 mA
- Three Programmable (4-bit) from: 2.5 to 37.5 mA for
RGB LEDs
- Three Programmable (4-bit) from: 2.5 to 37.5mA for
General Purpose Applications
- Programmable Hardware Control (Strobe, PWM)
- Selectively Enable/Disable Current Sinks
!
10-bit Successive Approximation ADC
- 11µs Conversion Time
- Two Selectable Inputs: GPIO0 and GPIO1
!
Four General Purpose Inputs/Outputs
- Digital Input, Digital Output, and Tristate
- Programmable Pull-Up, and Pull-Down
- GPIO2 can be used as Camera Flash Strobe
!
Negative or High-Voltage Charge Pump
- Regulated Output Voltage, Programmable by Dual
Resistors e.g. -6V, 10mA for OLED or ±15V, 5mA for
TFT
- ± 5% Accuracy
- Requires Few External Components
!
Standby LDO
- Regulated 2.5V
- Maximum Output Current 10mA
- Always On (Supplies Internal Digital Blocks)
- 3µA Quiescent Current
!
Wide Battery Supply Range: 3.0 to 5.5V
!
Serial Interface Control
!
On-Chip Bandgap Tuning for High Accuracy (±1%)
!
Overcurrent and Thermal Protection
!
32-Pin, Small Form-Factor QFN Package
(5 x 5 x 1mm, 0.5mm pitch), Enhanced Thermal Charac-
teristics
!
1 Watt Power Dissipation @ TAmbient = 70ºC
3 Application
Power- and lighting-management for mobile telephones
an
d other 1-cell Li+ or 3-cell NiMH powered devices.


Similar Part No. - AS3681

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3682 AMSCO-AS3682 Datasheet
864Kb / 43P
480mA Camera Lighting Management Unit
AS3682-EA1 AMSCO-AS3682-EA1 Datasheet
864Kb / 43P
480mA Camera Lighting Management Unit
AS3682-EA2 AMSCO-AS3682-EA2 Datasheet
864Kb / 43P
480mA Camera Lighting Management Unit
AS3682-EB1 AMSCO-AS3682-EB1 Datasheet
864Kb / 43P
480mA Camera Lighting Management Unit
AS3682-EB2 AMSCO-AS3682-EB2 Datasheet
864Kb / 43P
480mA Camera Lighting Management Unit
More results

Similar Description - AS3681

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3682 AMSCO-AS3682 Datasheet
864Kb / 43P
480mA Camera Lighting Management Unit
logo
National Semiconductor ...
LP3954 NSC-LP3954 Datasheet
6Mb / 56P
Advanced Lighting Management Unit
LP3958 NSC-LP3958 Datasheet
1Mb / 28P
Lighting Management Unit with High Voltage Boost Converter
LP39542 NSC-LP39542 Datasheet
2Mb / 58P
Advanced Lighting Management Unit
logo
Advanced Analogic Techn...
AAT2860 ANALOGICTECH-AAT2860 Datasheet
2Mb / 23P
Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
Advanced Analog Technol...
AAT2861IMK-1-T1 AAT-AAT2861IMK-1-T1 Datasheet
3Mb / 27P
Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
2009.02.1.2
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
Power Management Unit
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
Flexible Lighting Management Unit
logo
Texas Instruments
LP3954 TI1-LP3954 Datasheet
1Mb / 60P
Advanced Lighting Management Unit
LP3958 TI1-LP3958 Datasheet
1Mb / 36P
Lighting Management Unit with High Voltage Boost Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com