Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853052 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS853052
Description  DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853052 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS853052 Datasheet HTML 5Page - Integrated Circuit Systems ICS853052 Datasheet HTML 6Page - Integrated Circuit Systems ICS853052 Datasheet HTML 7Page - Integrated Circuit Systems ICS853052 Datasheet HTML 8Page - Integrated Circuit Systems ICS853052 Datasheet HTML 9Page - Integrated Circuit Systems ICS853052 Datasheet HTML 10Page - Integrated Circuit Systems ICS853052 Datasheet HTML 11Page - Integrated Circuit Systems ICS853052 Datasheet HTML 12Page - Integrated Circuit Systems ICS853052 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
853052AG
www.icst.com/products/hiperclocks.html
REV. A JULY 1, 2004
10
Integrated
Circuit
Systems, Inc.
ICS853052
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL
2.5V, 3.3V, 5V LVPECL MULTIPLEXER
PRELIMINARY
3. Calculations and Equations.
LVPECL output driver circuit and termination are shown in Figure 4.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load, and a termination
voltage of V
CC
- 2V.
•
For logic high, V
OUT
= V
OH_MAX
= V
CC_MAX
– 0.935V
(V
CC_MAX
- V
OH_MAX
) = 0.935V
•
For logic low, V
OUT
= V
OL_MAX
= V
CC_MAX
– 1.67V
(V
CC_MAX
- V
OL_MAX
) = 1.67V
Pd_H = [(V
OH_MAX
– (V
CC_MAX
- 2V))/R
L
] * (V
CC_MAX
- V
OH_MAX
) = [(2V - (V
CC_MAX
- V
OH_MAX
))/R
L
] * (V
CC _MAX
- V
OH_MAX
) =
[(2V - 0.935V)/50
Ω] * 0.935V = 19.92mW
Pd_L = [(V
OL_MAX
– (V
CC_MAX
- 2V))/R
L
] * (V
CC_MAX
- V
OL_MAX
) = [(2V - (V
CC_MAX
- V
OL_MAX
))/R
L
] * (V
CC_MAX
- V
OL_MAX
) =
[(2V - 1.67V)/50
Ω] * 1.67V = 11.02mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30.94mW
Figure 4. LVPECL Driver Circuit and Termination
VOUT
Q1
VCC - 2V
RL
50
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com