Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT2191T Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74FCT2191T
Description  High Speed CMOS Presettable Synchronous 4-Bit Binary Counters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT2191T Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74FCT2191T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT2191T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT2191T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT2191T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT2191T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT2191T Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS2084B
01/13/97
Product Description
Pericom Semiconductor’s PI74FCT series of logic circuits are
produced in the Company’s advanced 0.6 micron CMOS
technology, achieving industry leading speed grades. All
PI74FCT2XXX devices have a built-in 25 ohm series resistor on
all outputs to reduce noise due to reflections, thus eliminating the
need for an external terminating resistor.
The PI74FCT191T is a high speed CMOS 4-bit binary up/down
counter. It has a single clock with clock enable and up/down
control inputs and ripple carry output. The 191 has asynchronous
preload inputs which override the count inputs. All inputs have
clamp diodes for undershoot noise suppression. All outputs have
ground bounce suppression.
Logic Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Product Features
• PI74FCT191/2191T is pin compatible with bipolar FAST™
Series at a higher speed and lower power consumption
•25
Ω series resistor on all outputs (FCT2XXX only)
• TTL input and output levels
• Low ground bounce outputs (25
Ω series only)
• Extremely low static power
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packages available:
– 16-pin 150 mil wide plastic QSOP (Q)
– 16-pin 300 mil wide plastic SOIC (S)
PI74FCT191T
(25
Ω
Ω
Ω
Ω
Ω Series) PI74FCT2191T
High Speed CMOS Presettable Synchronous
4-Bit Binary Counters
CE
Q3-Q0
PL
CP
U/D
TC
RC
25
Ω
Ω
Ω
Ω
Ω (FCT2XXX ONLY)
25
Ω
Ω
Ω
Ω
Ω (FCT2XXX ONLY)
D0-D3
25
Ω
Ω
Ω
Ω
Ω (FCT2XXX ONLY)
=F
=0
Cup
Q+Cup
- Cdn
Cdn


Similar Part No. - PI74FCT2191T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT2151T PERICOM-PI74FCT2151T Datasheet
51Kb / 5P
Fast CMOS 8-Input Multiplexer
PI74FCT2153T/2253T PERICOM-PI74FCT2153T/2253T Datasheet
48Kb / 5P
High-Speed CMOS Dual 4-Input Multiplexer
PI74FCT2157AT PERICOM-PI74FCT2157AT Datasheet
50Kb / 5P
Fast CMOS Quad 2-Input Multiplexer
PI74FCT2157CT PERICOM-PI74FCT2157CT Datasheet
50Kb / 5P
Fast CMOS Quad 2-Input Multiplexer
PI74FCT2157T PERICOM-PI74FCT2157T Datasheet
50Kb / 5P
Fast CMOS Quad 2-Input Multiplexer
More results

Similar Description - PI74FCT2191T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC192 TI-CD74HC192 Datasheet
67Kb / 11P
High Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
logo
Integrated Device Techn...
IDT74FCT161T IDT-IDT74FCT161T Datasheet
94Kb / 7P
FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTERS
logo
Intersil Corporation
CD54AC161 INTERSIL-CD54AC161 Datasheet
10Kb / 1P
Synchronous Presettable Binary Counters
June 1997
CD54AC163 INTERSIL-CD54AC163 Datasheet
10Kb / 1P
Synchronous Presettable Binary Counters
June 1997
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
Texas Instruments
CD54HC192 TI-CD54HC192 Datasheet
355Kb / 16P
High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
logo
National Semiconductor ...
DM74197 NSC-DM74197 Datasheet
86Kb / 4P
PRESETTABLE BINARY COUNTERS
logo
Texas Instruments
CD54HC192 TI-CD54HC192_07 Datasheet
512Kb / 20P
High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HC192 TI-CD54HC192_08 Datasheet
374Kb / 18P
High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HC192 TI-CD54HC192_1 Datasheet
653Kb / 21P
High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com