Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX97002 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX97002
Description  MAX97002 Evaluation Kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX97002 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX97002 Datasheet HTML 1Page - Maxim Integrated Products MAX97002 Datasheet HTML 2Page - Maxim Integrated Products MAX97002 Datasheet HTML 3Page - Maxim Integrated Products MAX97002 Datasheet HTML 4Page - Maxim Integrated Products MAX97002 Datasheet HTML 5Page - Maxim Integrated Products MAX97002 Datasheet HTML 6Page - Maxim Integrated Products MAX97002 Datasheet HTML 7Page - Maxim Integrated Products MAX97002 Datasheet HTML 8Page - Maxim Integrated Products MAX97002 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MAX97002 Evaluation Kit
4 ______________________________________________________________________________________
Detailed Description of Software
Note: Text in bold refers to items in the EV kit software.
Graphical User Interface (GUI)
The MAX97002 EV kit software GUI (Figures 1 and
2) provides a convenient way to test the features of
the MAX97002. Figure 1 shows the MAX97002 EV kit
software’s Main Control tab, while Figure 2 shows the
Registers tab. Actions on the two tabs generate I2C
commands to update the MAX97002 internal memory
registers.
The MAX97002 EV kit software Main Control tab
(Figure 1) divides the EV kit functions into logical blocks.
The MAX97002 EV kit software Registers tab (Figure 2)
displays each register’s individual bit logic-level status.
A data bit in bold indicates a logic-high, while a non-
bolded data bit indicates a logic-low. Clicking on the
individual data bit toggles the bit and performs a write
command. The new command is shown in the edit box
at the right. Write commands can be written to the reg-
isters alternatively by typing a hex value in the edit box
and pressing Enter on the keyboard.
Figure 1. MAX97002 Evaluation Kit Software (Main Control Tab)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com