Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V205Q121A-940 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # V205Q121A-940
Description  Gesture Recognition
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

V205Q121A-940 Datasheet(HTML) 2 Page - OSRAM GmbH

  V205Q121A-940 Datasheet HTML 1Page - OSRAM GmbH V205Q121A-940 Datasheet HTML 2Page - OSRAM GmbH V205Q121A-940 Datasheet HTML 3Page - OSRAM GmbH V205Q121A-940 Datasheet HTML 4Page - OSRAM GmbH V205Q121A-940 Datasheet HTML 5Page - OSRAM GmbH V205Q121A-940 Datasheet HTML 6Page - OSRAM GmbH V205Q121A-940 Datasheet HTML 7Page - OSRAM GmbH V205Q121A-940 Datasheet HTML 8Page - OSRAM GmbH V205Q121A-940 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
V205Q121A-940
2 Version 1.0 | 2021-10-01
M
Maaxxiim
muum
m R
Raattiinnggss
TA = 25 °C
Parameter
Symbol
Values
Operating temperature
(refers to TA; TA = 85°C with reduced efficiency)
Top
min.
max.
-20 °C
85 °C
Storage temperature
Tstg
min.
max.
-40 °C
100 °C
Soldering temperature
tmax = 10 s
TS
max.
260 °C
ESD withstand voltage
acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
VESD
max.
2 kV
IR Laser
Surge current
tp ≤ 600 μs; D = 0.01
IFSM
max.
4 A
Reverse voltage 5)
VR
max.
Not designed for
reverse operation
Photodiode
Reverse voltage 5)
VR
max.
20 V
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com