Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17561 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17561
Description  Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17561 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17561 Datasheet HTML 1Page - Maxim Integrated Products MAX17561 Datasheet HTML 2Page - Maxim Integrated Products MAX17561 Datasheet HTML 3Page - Maxim Integrated Products MAX17561 Datasheet HTML 4Page - Maxim Integrated Products MAX17561 Datasheet HTML 5Page - Maxim Integrated Products MAX17561 Datasheet HTML 6Page - Maxim Integrated Products MAX17561 Datasheet HTML 7Page - Maxim Integrated Products MAX17561 Datasheet HTML 8Page - Maxim Integrated Products MAX17561 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Note 3: All units are 100% production tested at TA = +25NC. Limits over the operating temperature range are guaranteed by
design and characterization; not production tested.
Note 4: Not production tested, user settable. See overvoltage/undervoltage lockout instructions.
Note 5: The current limit can be set below 700mA with a decreased accuracy.
Note 6: All timing is measured using 20% and 80% levels.
Note 7: The ratio between the autoretry time and blanking time is fixed and equal to 30.
(
VIN = 4.5V to 36V, TA = -40NC to +125NC, unless otherwise noted. Typical values are at VIN = 24V, RSETI = 12kI, TA = +25°C.) (Note 3)
LOGIC INPUT
HVEN
Threshold Voltage
VHVEN_TH
1
2
3.5
V
HVEN
Threshold Hysteresis
2
%
HVEN
Input Leakage Current
IHVEN_LEAK VHVEN = 36V
26
40
F
A
HVEN
Input Reverse Leakage
Current
IHVEN_RLEAK VIN = VHVEN = -36V
-45
-27
F
A
EN, RIEN Input Logic-High
VIH
1.4
V
EN, RIEN Input Logic-Low
VIL
0.4
V
EN, RIEN Input Leakage Current
ILEAK
VEN = VRIEN = 5.0V
-1
+1
F
A
THERMAL PROTECTION
Thermal Shutdown
TJC_MAX
150
N
C
Thermal-Shutdown Hysteresis
TJC_HYST
30
N
C
TIMING CHARACTERISTICS (Note 6)
Switch Turn-On Time
tON
From OFF to ON, see Table 1. RLOAD =
240I, COUT = 470FF
25
ms
Switch Turn-Off Time
tOFF
RLOAD = 47I
3
F
s
Overvoltage Switch Turn-Off Time
tOFF_OVP
VIN > VOVLO to VOUT = 80% of VOVLO,
RLOAD = 47I, RSETI = 10kI
3
F
s
Overcurrent Switch Turn-Off Time
tOFF_OCP
IIN > ILIM, after tBLANK, ILIM = 1A
3
F
s
IN Debounce Time
tDEB
VIN changes from 0V to greater than
VUVLO to VOUT = 10% of VIN
15.0
16.7
18.4
ms
Blanking Time
tBLANK
18.6
20.7
22.8
ms
Autoretry Time
tRETRY
After blanking time from IOUT > ILIM to
FLAG
clear (deassertion) (Note 7)
540
600
660
ms
ESD PROTECTION
IN
Human Body Model, IN bypassed to GND
with a 1FF low-ESR ceramic capacitor
Q
15
kV
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAX17561/MAX17562/
MAX17563
Adjustable Overvoltage and Overcurrent
Protectors with High Accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com