Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF01 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STCF01
Description  Step-up Converter for Cell Phone Camera Flash LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF01 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STCF01 Datasheet HTML 4Page - STMicroelectronics STCF01 Datasheet HTML 5Page - STMicroelectronics STCF01 Datasheet HTML 6Page - STMicroelectronics STCF01 Datasheet HTML 7Page - STMicroelectronics STCF01 Datasheet HTML 8Page - STMicroelectronics STCF01 Datasheet HTML 9Page - STMicroelectronics STCF01 Datasheet HTML 10Page - STMicroelectronics STCF01 Datasheet HTML 11Page - STMicroelectronics STCF01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
6 Detailed Description
STCF01
8/16
6
Detailed Description
The STCF01 white Led boost converter drives two up to four white LEDs with a constant
current. It needs few external components: two ceramic capacitors (CI=2.2µF CO=4.7µF), one
inductor L=10µH and one schottky diode. The device works with a minimum VI=2.6V, and it has
an Over Voltage Protection on the output guaranteed at minimum value equal to 17V. This
value ensures proper operation with a maximum of four White LEDs in series. In the worst case
of VI=2.6V at VOVP=8V (typical value of two LEDs) it is possible to obtain IO=270mA, while at
VOVP=11V (typical value of three LEDs) it is possible obtain IO=180mA (Figure 4: Maximum
Output Current Vs Input Voltage). The maximum IO current is limited by inductor peak current
internally set at Typ 1.2A. This feature allows saving the battery life from intensive use of the
flash. The SEL pin allows to select high and low current value flowing on the White LEDs.
The two current values are set through external resistors RHC and RLC according the following
formula:
ILED(FLASH) = 2100 * (VI - VHC) / RHC
ILED(TORCH) = 2400 * (VI - VLC) / RLC
An High logic level on SHDN pin puts the device in shutdown mode; if it is hold to Low the flash
or torch mode is activated. When the SHDN pin is LOW the device provides the requested
current in less than 200µs (see TURN ON TIME plot). This fast turn-on time makes the device
suitable for single shoot and multiple shoot operation modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com