Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS421004AI01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS421004AI01
Description  FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS421004AI01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS421004AI01 Datasheet HTML 1Page - Integrated Circuit Systems ICS421004AI01 Datasheet HTML 2Page - Integrated Circuit Systems ICS421004AI01 Datasheet HTML 3Page - Integrated Circuit Systems ICS421004AI01 Datasheet HTML 4Page - Integrated Circuit Systems ICS421004AI01 Datasheet HTML 5Page - Integrated Circuit Systems ICS421004AI01 Datasheet HTML 6Page - Integrated Circuit Systems ICS421004AI01 Datasheet HTML 7Page - Integrated Circuit Systems ICS421004AI01 Datasheet HTML 8Page - Integrated Circuit Systems ICS421004AI01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
8421004AGI-01
www.icst.com/products/hiperclocks.html
REV. A MACH 29, 2005
1
Integrated
Circuit
Systems, Inc.
ICS8421004I-01
FEMTOCLOCKS™CRYSTAL-TO-
HSTL FREQUENCY SYNTHESIZER
PRELIMINARY
GENERAL DESCRIPTION
The ICS8421004I-01 is a 4 output HSTL
Synthesizer optimized to generate Ethernet
reference clock frequencies and is a member of
the HiPerClocksTM family of high performance
clock solutions from ICS. Using a 25MHz 18pF
parallel resonant crystal, the following frequencies can be
generated based on the 2 frequency select pins (F_SEL[1:0]):
156.25MHz, 125MHz and 62.5MHz. The ICS8421004I-01
uses ICS’ 3rd generation low phase noise VCO technology
and can achieve 1ps or lower typical rms phase jitter, easily
meeting Ethernet jitter requirements. The ICS8421004I-01 is
packaged in a small 24-pin TSSOP package.
FEATURES
• Four HSTL outputs (VOHmax = 1.4V)
• Selectable crystal oscillator interface or
LVCMOS/LVTTL single-ended input
• Supports the following output frequencies: 156.25MHz,
125MHz, 62.5MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 156.25MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.44ps (typical)
• Power supply modes:
Core/Output
3.3V/1.8V
2.5V/1.8V
• -40°C to 85°C ambient operating temperature
HiPerClockS™
ICS
PIN ASSIGNMENT
1
1
0
1
0
Phase
Detector
VCO
M = 25 (fixed)
F_SEL[1:0]
0 0
÷4
0 1
÷5
1 0
÷10
1 1
Not Used
2
OSC
ICS8421004I-01
24-Lead TSSOP
4.40mm x 7.8mm x 0.92mm
package body
G Package
Top View
nQ1
Q1
VDDO
Q0
nQ0
MR
nPLL_SEL
nc
VDDA
F_SEL0
VDD
F_SEL1
1
2
3
4
5
6
7
8
9
10
11
12
nQ2
Q2
VDDO
Q3
nQ3
GND
VDD
nXTAL_SEL
TEST_CLK
GND
XTAL_IN
XTAL_OUT
24
23
22
21
20
19
18
17
16
15
14
13
BLOCK DIAGRAM
t
u
p
t
u
O
y
c
n
e
u
q
e
r
F
)
.
f
e
R
z
H
M
5
2
(
1
L
E
S
_
F0
L
E
S
_
F
r
e
d
i
v
i
D
M
e
u
l
a
V
r
e
d
i
v
i
D
N
e
u
l
a
V
N
/
M
e
u
l
a
V
r
e
d
i
v
i
D
00
5
24
5
2
.
65
2
.
6
5
1
01
5
25
5
5
2
1
10
5
20
15
.
25
.
2
6
11
5
2d
e
s
u
t
o
nd
e
s
u
t
o
n
FREQUENCY SELECT FUNCTION TABLE
F_SEL[1:0]
nPLL_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
nXTAL_SEL
MR
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Pulldown
Pulldown
25MHz
Pulldown
Pulldown
Pulldown
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS421004AI01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS421002AI01 ICST-ICS421002AI01 Datasheet
198Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 6, 2006
ICS421002AIL ICST-ICS421002AIL Datasheet
198Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 7, 2006
More results

Similar Description - ICS421004AI01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
ICS8421002I-01 ICST-ICS8421002I-01 Datasheet
198Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 6, 2006
ICS8421002I ICST-ICS8421002I Datasheet
198Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 7, 2006
ICS8421004I ICST-ICS8421004I Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
REV. A MARCH 29, 2005
ICS8422002I-01 ICST-ICS8422002I-01 Datasheet
195Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
REV. B NOVEMBER 14, 2005
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
8421002I-01 IDT-8421002I-01 Datasheet
173Kb / 15P
FemtoClock Crystal-to-HSTL Frequency Synthesizer
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com