Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2R-5 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2R-5
Description  gas discharge tubes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2R-5 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2R-5 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R-5 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R-5 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R-5 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R-5 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
Part Number
DC
Spark-over
Voltage
1) 2)
@100V/S
Impulse
Spark-over
Voltage
Insulation
Resistance
3)
Capacitance
@1MHz
Glow
Voltage
@10mA
Arc
Voltage
@1A
AC
withstand
voltage
@0.5mA
1Min
Life Ratings
Impulse Discharge
Current
@8/20
μS
AC
Discharge
Current
@50Hz 1S
100V/
μS 1KV/μS
Max
Max
Min
Max
Type
Type
Min
Nominal
±5 times
Max
1 time
Nominal
5 times
DIP
SMD
V
V
V
G
Ω
pF
V
V
V
KA
KA
A
2R1000T-5
2R1000S-5
1000
±20%
1600
1800
1
1
160
15
500
3
4
3
2R1200T-5
2R1200S-5
1200
±20%
1800
2000
1
1
160
15
600
3
4
3
2R1500T-5
2R1500S-5
1500
±20%
2200
2400
1
1
235
18
700
2
3
2
2R1600T-5
2R1600S-5
1600
±20%
2400
2600
1
1
235
18
800
2
3
2
2R2000T-5
2R2000S-5
2000
±20%
2800
3000
1
1
260
30
1000
2
3
2
2R2500T-5
2R2500S-5
2500
±20%
3300
3500
1
1
260
30
1300
2
3
2
2R2700T-5
4)
2R2700S-5
4)
2700
±20%
3400
3600
1
1
260
30
1400
2
3
2
2R3000T-5
2R3000S-5
3000
±20%
3800
4000
1
1
260
30
1600
2
3
2
2R3500T-5
2R3500S-5
3500
±20%
4300
4500
1
1
260
30
1800
2
3
2
2R3600T-5
2R3600S-5
3600
±20%
4400
4600
1
1
260
30
1900
2
3
2
Glow to Arc transition Current
………………………………………......
~0.3A
Weight
…………………………………………………………………......
~0.82g
Operation and storage temperature
…………………………………….
-40~90
°C
Climatic category (IEC 60068-1)
………………………………………..
40/090/21
Marking, black
………………………………………………………….....
xxxx
X
xxxx
-Nominal voltage
X
-Year of production
Surface treatment
……………………………………………………......
DIP
-Nickel Plated
SMD
-Matte-tin plated
1) At delivery AQL 0.65 level II, DIN ISO 2859.
2) In ionized mode.
3) Insulation Resistance Measuring Voltage at DC 100V.
4) No UL 1449 Recognized.
Terms in accordance with ITU-T Rec. K.12, IEC 61643-311, GB/T 9043.
2R-5 Series
Rev :
www.leiditech.com
01.06.2016
5/52



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com