Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2R150SC-5 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2R150SC-5
Description  Excellent SMD handing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2R150SC-5 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2R150SC-5 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R150SC-5 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R150SC-5 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Applications
●
Extremely small size●
Extremely fast response time ● Splitter
●
Excellent SMD handing
●
PCI Cards
●
Stable performance over life
●
Moden
●
Very low capacitance
●
Line cards
●
High insulation resistance
●
Storage and operating temperature -40…+125°C
●
RoHS-compatible
●
UL-identification
Electrical specifications
Part Number
DC
spark-over
Voltage
Max.
Impulse
Breakdown
Voltage
Discharge
Current
(8/20us)
AC
discharge
Current
Impulse
Life
(10/1000us)
Minimum
Insulation
Resistance
Max.
Capacitance
1MHz
100V/S
1KV/us
10 times
50Hz,1S
100A
%
V
KA
A
Times
Test Voltage
DC(V)
(GΩ)
(Pf)
±30
600
20
20
100
50
1
1.5
±30
600
20
20
100
50
1
1.5
±20
600
20
20
100
100
1
1.5
±20
700
20
20
100
100
1
1.5
±20
900
20
20
100
100
1
1.5
±20
950
20
20
100
100
1
1.5
±20
1000
20
20
100
100
1
1.5
±20
1100
20
20
100
100
1
1.5
±20
1300
20
20
100
100
1
1.5
Arc voltage at 1A....................................................≥20
2R075SC-5~2R600SC-5
Rev 2.0 :
www.leiditech.com
12.01.2019
1/3
2R075SC-5
2R090SC-5
2R150SC-5
2R230SC-5
2R300SC-5
2R350SC-5
2R400SC-5
2R470SC-5
2R600SC-5


Similar Part No. - 2R150SC-5

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
2R150S HUAXINAN-2R150S Datasheet
143Kb / 1P
Surface Mounted Gas Discharge Tubes (GDT)
logo
Ruilongyuan Electronics...
2R150SA-5 RUILON-2R150SA-5 Datasheet
798Kb / 6P
Gas Discharge Tubes
logo
Shanghai Leiditech Elec...
2R150SA-5 LEIDITECH-2R150SA-5 Datasheet
879Kb / 5P
Gas Discharge Tube
logo
Ruilongyuan Electronics...
2R150SB-5 RUILON-2R150SB-5 Datasheet
797Kb / 6P
Gas Discharge Tubes
logo
Shanghai Leiditech Elec...
2R150SB-5 LEIDITECH-2R150SB-5 Datasheet
723Kb / 5P
Gas Discharge Tube
More results

Similar Description - 2R150SC-5

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1341 SILIKRON-SSF1341 Datasheet
375Kb / 7P
High Power and current handing capability
SSF2485 SILIKRON-SSF2485 Datasheet
352Kb / 5P
High Power and current handing capability
SSF2814E SILIKRON-SSF2814E Datasheet
292Kb / 5P
High Power and current handing capability
SSF3314E SILIKRON-SSF3314E Datasheet
212Kb / 5P
High Power and current handing capability
logo
Shanghai Leiditech Elec...
SMD5050-420 LEIDITECH-SMD5050-420 Datasheet
408Kb / 4P
Extremely small size Excellent SMD handing
logo
Bel Fuse Inc.
SCEP104L BEL-SCEP104L Datasheet
779Kb / 1P
SMD POWER INDUCTORS Excellent Power Density
SCEP104S BEL-SCEP104S Datasheet
783Kb / 1P
SMD POWER INDUCTORS Excellent Power Density
SCEP105H BEL-SCEP105H Datasheet
787Kb / 1P
SMD POWER INDUCTORS Excellent Power Density
SCEP125 BEL-SCEP125 Datasheet
772Kb / 1P
SMD POWER INDUCTORS Excellent Power Density
logo
Shanghai Leiditech Elec...
2R075-4S LEIDITECH-2R075-4S Datasheet
1Mb / 3P
Excellent SMD handing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com