Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2R2000-5L Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2R2000-5L
Description  GDT introduction:Gas discharge tubes (GDT) use noble gasses enclosed in ceramic tubes to provide an alternate circuit path for voltage spikes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2R2000-5L Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2R2000-5L Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R2000-5L Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R2000-5L Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2R2000-5L Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Plastic Tray
(265×147×10mm)
Inner Box
(270×145×50mm)
Outside Box
(310×280×275mm)
100 PCS/ Plastic Tray
500 PCS/ Box
5,000 PCS/ Carton
(No lead type)
Dimension
Packaging Taping
Unit:mm
Unit:mm
Unit:mm
T
D
L
d
D
T
Item
Dimensions
Spec.
Tolerance
D
5.5
+0.3/-0.5
T
6.0
+0.3/-0.5
L
20
Min.
d
0.8
±0.05
Item
Dimensions
Spec.
Tolerance
D
5.5
+0.3/-0.5
T
6.0
+0.3/-0.5
(Axial lead type)
2R-5L
2R-5S
2R Series
Rev :
www.leiditech.com
01.06.2018
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com