Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32D201 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 32D201
Description  Metal Oxide Varistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

32D201 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  32D201 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 32D201 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 32D201 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 32D201 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
All data is subject to change,Please check our data sheets at
for updates.
The MOV-32DxxxK Series of 32mm radial leaded varistor devices
protects against overvoltage transients such as lightning, power
contact and power induction. The metal oxide varistors offer
a choice of varistor voltages from 200 V to 1600 V and Vrms
voltages from 130 V to 1000 V.
The devices have a high current handling, high energy absorption
capability and fast response times to protect against transient
faults up to rated limits.
No Radioactive Material
Storage Temperature: -55ºC to +125ºC
Operating Temperature: -55ºC to +85ºC
Body: Nickel Plated
Leads: Surface-mount, Axial Devices: Tin
Plated
Devices with No Leads: Nickel Plated
Varistor>32D201~162K Series
Metal Oxide Varistors
MOV 01
• Transistor, diode, IC, thyristor or triac semiconductor protection.
• Surge protection in consumer electronics.
• Surge protection in industrial electronics.
• Surge protection in electronic home appliances, gas and
petroleum appliances.
• Relay and electromagnetic valve surge absorption.
• Wide operating voltage (V1mA) range from 8V to 1800V.
• Fast responding to transient over-voltage.
• Large absorbing transient energy capability.
• Low clamping ratio and no following-on current.
Applications
Features
General Information
Packaging Information
Product Name
General Characteristics
Part Number
Component package
Quantity
Packaging Option
Packaging Specification
32D
32.0
100
BOX
200PCS
3
2
D
4
7
1
K
Disc Diameter
32=32MM
Type
D: Disk
S: Square
Nominal Varistor Voltage
471=47*101V
Varistor Voltage
Tolerance
K = 10 %


Similar Part No. - 32D201

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
32D201K RUILON-32D201K Datasheet
765Kb / 6P
Metal Oxide Varistors
logo
StarHope
32D201K SPSEMI-32D201K Datasheet
373Kb / 2P
Varistor Type MYG
logo
SUNMATE electronic Co.,...
32D201K SUNMATE-32D201K Datasheet
545Kb / 3P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
32D201K YINT-32D201K Datasheet
502Kb / 3P
32D Series
logo
HuaXinAn Electronics CO...
32D201K HUAXINAN-32D201K Datasheet
191Kb / 4P
Metal Oxide Varistors (MOV)
More results

Similar Description - 32D201

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
Metal Oxide Varistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com