Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05D301K Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 05D301K
Description  Metal Oxide Varistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

05D301K Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  05D301K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 05D301K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 05D301K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 05D301K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 05D301K Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
All data is subject to change,Please check our data sheets at
www.leiditech.com for updates.
Electrical Rating
MIOV 03
ltem
Test Condition / Description
Requirement
Varistor Voltage The voltage between two terminals with the specified measuring
current 1mA.DC applied is call Vb.
To meet
the specified
value
Maximum
Allowable
Voltage
The recommended maximum sine wave voltage (RMS) or the
maximum DC voltage can be applied continuously.
Rated Wattaget The maximum average power that can be applied within the specified
ambient temperature.
IEnergy
The maximum energy within the varistor voltage change of ±10% when one
impulse of10/1000μsec. or 2 msec. is applied.
Withstanding
Surge
Current
The maximum current within the varistor voltage change of ±10% with the
standard impulse current (8/20μsec.) applied one time.
Surge Life
The change of Vb shall be measured after the impulse listed below is
applied 10,000 times continuously with the interval of ten seconds at room
temperature.
5D series
180K to 680K
10A (8/20μsec.)
820K to 751K
20A (8/20μsec.)
7Dseries
180K to 680K
25A (8/20μsec.)
820K to 821K
50A (8/20μsec.)
10D series
180K to 680K
50A (8/20μsec.)
820K to 182K
100A (8/20μsec.)
14D series
180K to 680K
75A (8/20μsec.)
820K to 182K
150A (8/20μsec.)
20D series
180K to 680K
100A (8/20μsec.)
820K to 182K
200A (8/20μsec.)
Vb
Vb
<+10%
_



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com