Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40D331K Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 40D331K
Description  Metal Oxide Varistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

40D331K Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  40D331K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 40D331K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 40D331K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 40D331K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
All data is subject to change,Please check our data sheets at
www.leiditech.com for updates.
MOV 04
Package Dimensions
Unit:mm
D1
H1
W
d1
K
D1
H1
W
d1
K
TABLE 1
Symbol
Dimensions
H(max.)
60.2
H1(max.)
16.5
D(max.)
45
D1(+1.0)
25.4
T(max.)
TABLE 2
d(+0.1)
0.5
d1(+0.3)
3.4
K(max.)
3.18
W(+0.5)
7.0
(M+0.2)
3.8
TABLE 2
Model
T(max.)
Model
T(max.)
201K
6.2
911K
10.4
221K
6.3
951K
10.6
241K
6.4
102K
11.2
271K
6.6
112K
11.8
301K
6.8
122K
12.3
331K
6.9
142K
13.3
361K
7.1
162K
14.3
Leiditech Electronics are trademarks.
Information furnished is believed to be accurate and reliable. However, users should independently evaluate
the suitability of and test each product selected for their own applications. Leiditech Electronics reserves
the right to change or update, without notice, any information contained in this publication; to change,
without notice, the design, construction, processing, or specification of any product; and to discontinue or
limit production or distribution of any product. This publication supersedes and replaces all information
previously supplied. Without expressed or written consent by an officer of Leiditech Electronics, Leiditech
Electronics does not authorize the use of any of its products as components in nuclear facility applications,
aerospace, or in critical life support devices or systems. Leiditech Electronics expressly disclaims all
implied warranties regarding the information contained herein, including, but not limited to, any implied
warranties of merchantability or fitness for a particular purpose. Leiditech Electronics’ only obligations
are those in the Leiditech Electronics Standard Terms and Conditions of Sale and in no case will Leiditech
Electronics be liable for any incidental, indirect, or consequential damages.
SHANGHAI LEIDITECH ELECTRONICS CO.,LTD
Tel: +86- 021 50828806
Fax: +86- 021 50477059-8008
Email: sale1@leiditech.com
Website: http://www.leiditech.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com