Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4232 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # 4232
Description  SPST CATV UltraCMOS??Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4232 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  4232 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4232 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4232 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4232 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4232 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4232 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4232 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4232 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Product Specification
PE4232
Page 4 of 8
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0054-03
│ UltraCMOS™ RFIC Solutions
-35
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
1200
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
1200
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
1200
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
1200
Frequency (MHz)
Typical Performance Data @ 25 °C
Figure 7. RF1 Return Loss (Switch = ON)
Figure 8. RF1 Return Loss (Switch = OFF)
Figure 9. RF2 Return Loss (Switch = ON)
Figure 10. RF2 Return Loss (Switch = OFF)
(75-ohm impedance)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com