Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB-PROG2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # UB-PROG2
Description  Programming unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

UB-PROG2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  UB-PROG2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. UB-PROG2 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Programming unit
UB-PROG2
Programming unit
Dimensions
A1
A2
Adhesive label
40
22
Technical Data
Mechanical specifications
Connection
M12 x 1 , 4-pin
Cable length
2 m
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - UB-PROG2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UB-PROG4-V15 PF-UB-PROG4-V15 Datasheet
430Kb / 2P
Programming unit
UB-PROG4-V31 PF-UB-PROG4-V31 Datasheet
429Kb / 2P
Programming unit
More results

Similar Description - UB-PROG2

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
T-680 ARIES-T-680 Datasheet
380Kb / 1P
Programming Tool
logo
Tyco Electronics
2-1437507-0 MACOM-2-1437507-0 Datasheet
181Kb / 1P
PROGRAMMING PLUG
logo
List of Unclassifed Man...
GAP1605 ETC2-GAP1605 Datasheet
65Kb / 3P
Portable programming unit
logo
CUI INC
AMT-PGRM CUI-AMT-PGRM Datasheet
324Kb / 3P
PROGRAMMING MODULE
logo
M-System Co.,Ltd.
PU2A MSYSTEM-PU2A Datasheet
87Kb / 2P
PROGRAMMING UNIT
PU-2A MSYSTEM-PU-2A Datasheet
98Kb / 2P
PROGRAMMING UNIT
logo
Pepperl+Fuchs Inc.
UC-PROG1-USB PF-UC-PROG1-USB Datasheet
6Mb / 4P
Programming adapter
PMI14V-TEACH PF-PMI14V-TEACH Datasheet
587Kb / 1P
Programming unit
UB-PROG4-V15 PF-UB-PROG4-V15 Datasheet
430Kb / 2P
Programming unit
UB-PROG4-V31 PF-UB-PROG4-V31 Datasheet
429Kb / 2P
Programming unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com