Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP Datasheet(PDF) 2 Page - Kingston Technology Far East Co. Ltd

Part # MLP
Description  MOBILELITE PLUS SD READER Next-Level Speed and Performance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTON [Kingston Technology Far East Co. Ltd]
Direct Link  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

MLP Datasheet(HTML) 2 Page - Kingston Technology Far East Co. Ltd

  MLP Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd MLP Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MOBILELITE PLUS SD READER
KINGSTON PART NUMBER
USB 3.2 Gen 1 speeds — Delivers up to 10X faster
transfer speeds than USB 2.0.
Backwards-compatible with UHS-I — Peak
performance for UHS-II and support for UHS-I cards.
SPECIFICATIONS
FEATURES / BENEFITS
Designed for optimal use with Kingston cards — Best
paired with Kingston Canvas React Plus and Canvas Go!
Plus SD cards.
Compact, stylish and minimalist design — The perfect
travel companion transfers your images and videos
whenever you need it.
Interface
USB 3.2 Gen 1
Connector
USB-A
Standard/Class
UHS-II
Dimensions
51.8mm x 33.5mm x 9mm
Weight
11g
Storage temperature
-20°C~70°C
Operating temperature
0°C~60°C
Warranty/support
2-year
Compatible with
Windows® 10, Windows 8.1, Windows 8, Mac OS X v. 10.10.x+,
Linux v.2.6.x+, Chrome OS™
THIS DOCUMENT SUBJECT TO CHANGE WITHOUT NOTICE.
©2020 Kingston Technology Corporation, 17600 Newhope Street, Fountain Valley, CA 92708 USA. All rights reserved.
All trademarks and registered trademarks are the property of their respective owners. MKD-419 US
MobileLite Plus SD Reader
MLP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com