Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLPMR2 Datasheet(PDF) 2 Page - Kingston Technology Far East Co. Ltd

Part # MLPMR2
Description  CANVAS REACT PLUS microSD Creativity and Inspiration in Professional Quality
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTON [Kingston Technology Far East Co. Ltd]
Direct Link  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

MLPMR2 Datasheet(HTML) 2 Page - Kingston Technology Far East Co. Ltd

  MLPMR2 Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd MLPMR2 Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CANVAS REACT PLUS microSD
Canvas React Plus microSD
KINGSTON PART NUMBERS
Ultimate speeds to support professional camera
use — Transfer speeds up to 285MB/s¹ and recording
speeds of up to 165MB/s¹, this card is ideal for
professional creators.
Latest UHS-II standard for reliable high-resolution
photography and video recording — Capture 4K
and 8K Ultra-HD high-speed shots and videos without
dropping frames.
1. Based on internal testing performance will vary based on host device. Full performance requires MobileLite Plus
microSD Reader.
2. Provided UHS-I SD Adapter for microSD does not support UHS-II advertised speeds. Please use directly with UHS-II
microSD host or reader for optimum performance.
3. Some of the listed capacity on a Flash storage device is used for formatting and other functions and thus is not
available for data storage. As such, the actual available capacity for data storage is less than what is listed on the
products. For more information, go to Kingston’s Flash memory guide at kingston.com/flashguide.
SPECIFICATIONS
FEATURES / BENEFITS
Supports A1 app performance class — Expedite your
workflow with faster application performance.
Optimize file transfer with included microSD Reader
— Expedite your workflow with quick transfers using
the included MobileLite Plus microSD Reader.
Capacities3
64GB, 128GB, 256GB
Standard/Class
Class 10, UHS-II, U3, V90, A1
Performance1
285/165MB/s read/write
Dimensions
11mm x 15mm x 1mm (microSD)
24mm x 32mm x 2.1mm (with SD adapter)
36.6mm x 20mm x 7.5mm (reader)
Format
exFAT
Storage temperature
-40°C~85°C
Operating temperature
-25°C~85°C
Voltage
3.3V
Warranty/support
card: lifetim; reader: 2-year
THIS DOCUMENT SUBJECT TO CHANGE WITHOUT NOTICE.
©2020 Kingston Technology Corporation, 17600 Newhope Street, Fountain Valley, CA 92708 USA. All rights reserved.
All trademarks and registered trademarks are the property of their respective owners. MKD-417.1US
Card (Reader included)
MLPMR2/64GB
MLPMR2/128GB
MLPMR2/256GB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com